Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF64 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF64
Description  4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF64 Datasheet(HTML) 2 Page - Hirose Electric

  DF64 Datasheet HTML 1Page - Hirose Electric DF64 Datasheet HTML 2Page - Hirose Electric DF64 Datasheet HTML 3Page - Hirose Electric DF64 Datasheet HTML 4Page - Hirose Electric DF64 Datasheet HTML 5Page - Hirose Electric DF64 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DF64 Series4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
■Product Specifications
Ratings
Current
Rating
(Note 1)
BtoB
BtoW
Operating Temperature Range:
-55 ∼ to 105℃ (Note 2)
Operating Humidity Range
: 20 to 80% (Note 3)
5A
AWG#18
AWG#20
AWG#22
5A
4A
3A
Voltage
Rating
AC/DC
 350V
Storage Temperature Range:
-10 to 60℃ (Note 4)
Storage Humidity Range
: 40 - 70
% (Note 4)
Item
Specifications
Conditions
1. Insulation
resistance
No less than 1,000 Mø
Measured at DC 500 V
2. Withstand voltage
No flashover or breakdown
AC 1, 500 V is applied for one minute.
3. Contact
resistance
30 Mø max
Measured at no more than DC 6 V, 100 mA (DC or 1,000 Hz)
4. Vibration
Resistance
No electrical discontinuity of 1µs or
greater
Frequency 10-55 Hz, half amplitude 0.75 mm, 10 cycles in each
of three directions(axes)
5. Shock Resistance
No electrical discontinuity outage of
1µs or greater
Accelerated velocity: 490 m/s
2, for 11 ms, half-sine in 3
directions, 3 times for each of the three directions (axes)
6. Moisture-
resistance
■ Contact resistance 30 Mø max
■ Insulation resistance 1,000 Mø minimum
Temperature: 40 ±2ç; humidity: 90 to 95%, left as it is for 96 hours
7. Temperature
cycles
■Contact resistance 30 Mø max
■Insulation resistance 1,000 Mø minimum
-55
ç for 30 minutes → 5 to 35ç for 2 to 3 minutes → 105ç for
30 minutes
→ 5 to 35
ç for 2 to 3 minutes) in 5 cycles
8. Durability
■Contact resistance 30 Mø max
■Number of matings/unmatings
10 mating cycles
9. Resistance to
solder heat
The resin components will not
become deformed or loose
performance due to deformities
Reflow: according to the Recommended Temperature Profile
Hand soldering: temperature of soldering iron at 350
ç±10ç for
3 seconds
(Note 1) This is the maximum current rating while all pins are powered or used as all power lines.
(Note 2) Includes the temperature rise of power lines.
(Note 3) Use without condensation on parts.
(Note 4) The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
■Materials
Product
Part
Materials
Finish
UL spec.
Receptacle
Insulator
LCP
Beige
UL94V-0
Contact
Copper alloy
Tin-plating
Reinforcing metal fittings
Brass
Tin-plating
Header
Insulator
LCP
Beige
UL94V-0
Contact
Copper alloy
Tin-plating
Reinforcing metal fittings
Brass
Tin-plating
Crimp case
Insulator
LCP
Beige
UL94V-0
Crimp contact
Contact
Phosphorous Bronze
Tin-plating
■Product Number Structure
Refer to the charts below for determining specific part number characteristics.
Please select connectors listed in this catalog when placing orders and be sure to check the latest delivery specifications at the
time of ordering the product.
●Connector
DF 64 - * S - 4.5 H
❶❷
❸ ❹
DF 64 - * P - 4.5 H
❶❷
❸ ❹
DF 64 - * P - 4.5 C
❶❷
❸ ❹
●Contact
DF 64 - 1822 PCF
❶❷
Series Name: DF
Series No.: 64
Number of contacts: 2, 3
Connector type
S: receptacle P: plug
Pitch : 4.5 mm
Wiring type
 H: SMT Right Angle Type
 C: crimp housing
Applicable wire size
1822 : 18 – 22 AWG
Packaging style
 PCF: In-line plug plug contact, on reel
 PC: In-line plug contact, loose piece


Similar Part No. - DF64

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC HIROSE-DF6-1822PC Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC(05) HIROSE-DF6-1822PC(05) Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF64

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
   0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
logo
Kingbright Corporation
APD2520F3C03-P22 KINGBRIGHT-APD2520F3C03-P22 Datasheet
462Kb / 1P
   4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1A
APD2520SF4C03-P22 KINGBRIGHT-APD2520SF4C03-P22 Datasheet
462Kb / 4P
   4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1B
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
   High Current Version for 2-Piece Connectors
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com