Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF64-3P-4.5C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF64-3P-4.5C
Description  4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF64-3P-4.5C Datasheet(HTML) 3 Page - Hirose Electric

  DF64-3P-4.5C Datasheet HTML 1Page - Hirose Electric DF64-3P-4.5C Datasheet HTML 2Page - Hirose Electric DF64-3P-4.5C Datasheet HTML 3Page - Hirose Electric DF64-3P-4.5C Datasheet HTML 4Page - Hirose Electric DF64-3P-4.5C Datasheet HTML 5Page - Hirose Electric DF64-3P-4.5C Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DF64 Series4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
■Right angle receptacle
A
1
P=4.5
4.7
Part Number.
HRS No.
No. of Contacts
A
B
DF64-2S-4.5H
667-1002-9-00
2
14.4
11.8
DF64-3S-4.5H
Under development
3
18.9
16.3
(Note) This product is sold 500 connectors per reel. Please order by full reel quantities.
Part Number
HRS No.
No. of Contacts
C
D
DF64-2S-4.5H
667-1002-9-00
2
32
28.4
DF64-3S-4.5H
Under development
3
44
40.4
Recommended PCB layout (t=1.6 mm)
B±0.05
2±0.05
2±0.05
1.5±0.05
P=4.5±0.05
●Tape and Reel dimensions
Unreeling direction
F-F
F
F
E-E
E
E
P=24±0.1
2±0.15
P=4±0.1


Similar Part No. - DF64-3P-4.5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC HIROSE-DF6-1822PC Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC(05) HIROSE-DF6-1822PC(05) Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF64-3P-4.5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
   0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
logo
Kingbright Corporation
APD2520F3C03-P22 KINGBRIGHT-APD2520F3C03-P22 Datasheet
462Kb / 1P
   4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1A
APD2520SF4C03-P22 KINGBRIGHT-APD2520SF4C03-P22 Datasheet
462Kb / 4P
   4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1B
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
   High Current Version for 2-Piece Connectors
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com