Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF33C-12DS-3.3C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF33C-12DS-3.3C
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C-12DS-3.3C Datasheet(HTML) 3 Page - Hirose Electric

  DF33C-12DS-3.3C Datasheet HTML 1Page - Hirose Electric DF33C-12DS-3.3C Datasheet HTML 2Page - Hirose Electric DF33C-12DS-3.3C Datasheet HTML 3Page - Hirose Electric DF33C-12DS-3.3C Datasheet HTML 4Page - Hirose Electric DF33C-12DS-3.3C Datasheet HTML 5Page - Hirose Electric DF33C-12DS-3.3C Datasheet HTML 6Page - Hirose Electric DF33C-12DS-3.3C Datasheet HTML 7Page - Hirose Electric DF33C-12DS-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF33C Series
3.3mm Pitch Small Size Connectors for Internal Power Source
Single row straight pin header
0.5
Lot No. mark
Polarity mark
1.55
A
CAV No.
HRS logo mark
B
P=3.3
B±0.05
P=3.3±0.05
1.55±0.05
DF33C-*RS-3.3
DF33C(R)-*S-3.3C
DF33C(R)-*P-3.3DSA(24)
Recommended PCB layout
(Recommended PCB thickness t=1.6 ±0.1)
Dimensions in mated condition
Application figure
Note : The retainer can be used on both the standard and R type housings.
[Specification No.]
(24): Tin plating, tray package specification
[Specification No.]
(24): Tin plating, tray package
specification
R type
(Different guide key type. Resin color: Black)
Available upon request.
Please contact your local Hirose sales representative.
R type
(Different guide key type. Resin color: Black)
Available upon request.
Please contact your local Hirose sales representative.
Standard type (Resin: White)
Part No.
HRS No.
No.of
Contacts
AB
Packing
DF33C-2P-3.3DSA(24)
676-1131-2 24
2
8.4 3.3 135pcs/tray
DF33C-3P-3.3DSA(24)
676-1132-5 24
3
11.7 6.6 95pcs/tray
DF33C-4P-3.3DSA(24)
676-1133-8 24
4
15.0 9.9 75pcs/tray
DF33C-5P-3.3DSA(24)
676-1134-0 24
5
18.3 13.2 60pcs/tray
DF33C-6P-3.3DSA(24)
676-1135-3 24
6
21.6 16.5 50pcs/tray
Double row, straight pin header
A
B
P=3.3
CAV No.
HRS logo mark
1.55
0.5
Polarity mark
Lot No. mark
Ø1.25
Standard type (Resin color: White)
Part No.
HRS No.
No.of
Contacts
AB
Packing
DF33C-4DP-3.3DSA(24)
676-1113-0 24
4
8.4 3.3 135pcs/tray
DF33C-6DP-3.3DSA(24)
676-1114-3 24
6
11.7 6.6 95pcs/tray
DF33C-8DP-3.3DSA(24)
676-1115-6 24
8
15.0 9.9 75pcs/tray
DF33C-10DP-3.3DSA(24)
676-1116-9 24
10
18.3 13.2 60pcs/tray
DF33C-12DP-3.3DSA(24)
676-1117-1 24
12
21.6 16.5 50pcs/tray
B±0.05
P=3.3±0.05
1.55±0.05
DF33C-*RDS-3.3
DF33C(R)-*DS-3.3C
DF33C(R)-*DP-3.3DSA(24)
Recommended PCB layout
(Recommended PCB thickness t=1.6 ±0.1)
Application figure
Note : The retainer can be used on both the standard and R type housings.


Similar Part No. - DF33C-12DS-3.3C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33-12DP-3.3C HIROSE-DF33-12DP-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DP-3.3DSA HIROSE-DF33-12DP-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3C HIROSE-DF33-12DS-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3DSA HIROSE-DF33-12DS-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12P-3.3C HIROSE-DF33-12P-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
More results

Similar Description - DF33C-12DS-3.3C

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BNI JST-BNI Datasheet
118Kb / 4P
   3.3mm pitch/Disconnectable Crimp style connectors
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Wabash Transformer Inc.
PSV-01-10 WABASH-PSV-01-10 Datasheet
678Kb / 2P
   Small Size Power Transformer
logo
Panasonic Battery Group
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Intersil Corporation
ISL98608 INTERSIL-ISL98608 Datasheet
124Kb / 2P
   High Efficiency Power Supply for Small Size Displays
December 23, 2014
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Renesas Technology Corp
ISL98608 RENESAS-ISL98608 Datasheet
4Mb / 39P
   High Efficiency Power Supply for Small Size Displays
logo
Intersil Corporation
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
   High Efficiency Power Supply for Small Size Displays
May 7, 2014
logo
Anpec Electronics Corop...
APW7252 ANPEC-APW7252 Datasheet
398Kb / 24P
   High Efficiency Power Supply for Small Size Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com