Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF59-22PCA Datasheet(PDF) 6 Page - Hirose Electric

Part # DF59-22PCA
Description  2mm Pitch, Multi Functional Connector System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59-22PCA Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF59-22PCA Datasheet HTML 2Page - Hirose Electric DF59-22PCA Datasheet HTML 3Page - Hirose Electric DF59-22PCA Datasheet HTML 4Page - Hirose Electric DF59-22PCA Datasheet HTML 5Page - Hirose Electric DF59-22PCA Datasheet HTML 6Page - Hirose Electric DF59-22PCA Datasheet HTML 7Page - Hirose Electric DF59-22PCA Datasheet HTML 8Page - Hirose Electric DF59-22PCA Datasheet HTML 9Page - Hirose Electric DF59-22PCA Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DF59 Series2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Part No.
HRS No.
Packaging
Quantity
Treatment
DF59-22PCFA
667-0016-8 00
Reel contact (Note 1)
10,000 contacts / reel
Gold plated
DF59-22PCA
667-0022-0 00
Bulk contact (Note 2)
100 contacts / pack
Note 1 : Please order reel contacts by full reel quantities. (10,000 pcs/reel)
Note 2 : Please order loose piece contacts in full pack. (100 pcs/pack)
●Applicable Wire (Tin plated soft copper wire)
Conductor Size (Wire Constitution)
Jacket Diameter
22 AWG (17 /
Ø0.16mm)
UL1061 (Ø1.26mm)
UL3265 (Ø1.38mm)
Crimp contact
Recommended Wire
UL1061, UL3265
Strip Length
1.7 to 2.3mm
Note : Please contact your nearest Hirose Sales Representative for information regarding compatible wire Remarks: Please
consult with our sales representative when using wires other than applicable wire.
Note : The strip length is a reference value. Please make adjustments so finished crimps will meet the specified values. Refer to
the crimping quality standards (ATAD-H0504) for details.


Similar Part No. - DF59-22PCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF59S ETC1-DF59S Datasheet
320Kb / 1P
   3-Way System Mono-Pole Connectors
More results

Similar Description - DF59-22PCA

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
logo
Molex Electronics Ltd.
ATS-640160039 MOLEX-ATS-640160039 Datasheet
131Kb / 3P
   ServiceGradeÔ Multi-Functional Tool
07-10-12
logo
List of Unclassifed Man...
PQ09R05 ETC1-PQ09R05 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
logo
Molex Electronics Ltd.
64016-0039 MOLEX-64016-0039 Datasheet
131Kb / 3P
   ServiceGrade횚 Multi-Functional Tool
07-10-12
logo
Logic Fruit Technologie...
SMFD LFTECH-SMFD Datasheet
190Kb / 2P
   Smart Multi-Functional Display (SMFD)
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
logo
Bivar, Inc.
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com