Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF52-8P-0.8C Datasheet(PDF) 5 Page - Hirose Electric

Part # DF52-8P-0.8C
Description  0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF52-8P-0.8C Datasheet(HTML) 5 Page - Hirose Electric

  DF52-8P-0.8C Datasheet HTML 1Page - Hirose Electric DF52-8P-0.8C Datasheet HTML 2Page - Hirose Electric DF52-8P-0.8C Datasheet HTML 3Page - Hirose Electric DF52-8P-0.8C Datasheet HTML 4Page - Hirose Electric DF52-8P-0.8C Datasheet HTML 5Page - Hirose Electric DF52-8P-0.8C Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
DF52 Series
0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
BApplicable crimping tools
Type
Part No.
HRS No.
Applicable contact
Remarks
Applicator
AP105-DF52-2832P
901-4636-7
DF52-2832PCF
DHS877900H-UP
DF52-2832PCF
(Note 2) Manufactured by Japan
Automatic Machine Co.,Ltd.
Press body
CM-105C
901-0001-0 00
Pull-out tool DF-C-PO(A)
550-0170-8 00
DF52-2832PCF
Note 1 : Issues caused by using other than our specified tools are not covered by warranty.
Note 2 : Please contact Japan Automatic Machine Co., Ltd. (hereinafter J.A.M.) through their website regarding defective
crimping of adapting applicators manufactured by J.A.M.
URL http://www.jam-net.co.jp
BPrecautions
1. Recommended
Temperature Profile
(Compatible with lead-
free soldering)
[Applicable Conditions]
1. Peak temperature : 250max.
2. Heating area : 220min. for less than 60 seconds
3. Preheating area : 150to 180for 90 to 120 seconds
4. Number of times : no more than 2 times
* Measurement is conducted at the contact lead part
Soldering results may change depending on conditions such as solder
paste type, manufacturer, PCB size, and other soldering materials. Please
determine all mounting conditions before use.
Note 1 : This temperature profile is a recommended value.
2. Recommended
manual soldering
conditions
Temperature of soldering iron : 350±10, soldering time : within 3 seconds
3. Recommended screen
thickness and
aperture ratio
(Pattern surface ratio)
Thickness : 0.1mm, aperture opening ratio : 100%
4. Warpage of the Board A maximum of 0.02mm at the center of connector, as measured from either
end of the connector
5. Cleaning Conditions
IPA cleaning is allowed. (Cleaning is not recommended due to potential changes in
mating action and other variables. Please contact us if you use other cleaning agents. )
6. Noteworthy Points
Please note that any mating operation of the connector when not mounted
on the board may cause damage or deformation of the contacts.
During hand soldering, do not apply flux, as it will flow over the connector.
This housing color may have slight variations depending on the production
lot. This color variation does not affect performance.
Please refer to DF52 mating and unmating Procedure Document
(ETAD-H0788) for points in handling regarding mating operations.
Please refer to Harness procedure manual (ETAD-H0791) for points in
harness operations.
10sec MAX
90-120sec
TIME (Sec)
200
150
  0
100
250
MAX 250℃
60sec MAX
180℃
220℃
PRE-HEATING TIME SOLDERING TIME


Similar Part No. - DF52-8P-0.8C

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF522S10A TOKEN-DF522S10A Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
ITT Industries
DF52J11G215DQA ITT-DF52J11G215DQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF52J11G215DQF ITT-DF52J11G215DQF Datasheet
273Kb / 4P
   Power Rocker Switches
DF52J11G215HQA ITT-DF52J11G215HQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF52J11G215HQF ITT-DF52J11G215HQF Datasheet
273Kb / 4P
   Power Rocker Switches
More results

Similar Description - DF52-8P-0.8C

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com