Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM-105C Datasheet(PDF) 3 Page - Hirose Electric

Part # CM-105C
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CM-105C Datasheet(HTML) 3 Page - Hirose Electric

  CM-105C Datasheet HTML 1Page - Hirose Electric CM-105C Datasheet HTML 2Page - Hirose Electric CM-105C Datasheet HTML 3Page - Hirose Electric CM-105C Datasheet HTML 4Page - Hirose Electric CM-105C Datasheet HTML 5Page - Hirose Electric CM-105C Datasheet HTML 6Page - Hirose Electric CM-105C Datasheet HTML 7Page - Hirose Electric CM-105C Datasheet HTML 8Page - Hirose Electric CM-105C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FX15 Series
1mm Pitch Wire-to-Board Connectors supporting LVDS signal
■FX15 Series – Functional Diagram
Crimp contact
Crimp contact
(FX15-3032-PCFB)
Crimp contact
(FX15-2830-PCFB)
Plugs
Receptacles
Without shields
(FX15M-P-C)
Right angle, with shields
–enhanced shielding
(FX15S-S-0.5SH)
With shields – enhanced shielding
(FX15S-P-C)
Right angle, without shields
(FX15M-S-0.5SH)
With shields – enhanced shielding
PCB mouting pattern : VESA standard
(FX15SC-S-0.5SH)
With shields – enhanced shielding
PCB mouting pattern : VESA standard
(FX15SC-S-0.5SV)
With shields – enhanced shielding
28 to 30 AWG
(FX15SW-31P-C)
Micro-coaxial cable
(FX15S-P-0.5SD)
With shields-standard
(FX15-31P-C)
Vertical, with shields
(FX15-31S-0.5SV)
Ground plate
(FX15S-P-GND)


Similar Part No. - CM-105C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CM-105C HIROSE-CM-105C Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
CM-105C HIROSE-CM-105C Datasheet
623Kb / 12P
   Small I/O connectors for AC adapters
CM-105C HIROSE-CM-105C Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
CM-105C HIROSE-CM-105C Datasheet
271Kb / 6P
   0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
CM-105C HIROSE-CM-105C Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
More results

Similar Description - CM-105C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com