Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF33C-6RS-3.3 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF33C-6RS-3.3
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C-6RS-3.3 Datasheet(HTML) 4 Page - Hirose Electric

  DF33C-6RS-3.3 Datasheet HTML 1Page - Hirose Electric DF33C-6RS-3.3 Datasheet HTML 2Page - Hirose Electric DF33C-6RS-3.3 Datasheet HTML 3Page - Hirose Electric DF33C-6RS-3.3 Datasheet HTML 4Page - Hirose Electric DF33C-6RS-3.3 Datasheet HTML 5Page - Hirose Electric DF33C-6RS-3.3 Datasheet HTML 6Page - Hirose Electric DF33C-6RS-3.3 Datasheet HTML 7Page - Hirose Electric DF33C-6RS-3.3 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF33C Series
3.3mm Pitch Small Size Connectors for Internal Power Source
Single row socket
A
B
P=3.3
HRS logo mark
Polarity mark
Contact No.1
CAV No.
Standard type (Resin color: White)
R type
(Different guide key type. Resin color: black)
*For the retainers, please refer to page 5.
Double row socket
A
B
P=3.3
Polarity mark
HRS logo mark
CAV No.
Contact No.2
Contact No.1
Standard type (Resin color: White)
R type
(Different guide key type. Resin color: black)
*For the retainers, please refer to page 5.
Available upon request.
Please contact your local Hirose sales representative.
Available upon request.
Please contact your local Hirose sales representative.
Part No.
HRS No.
No.of Contacts
AB
Packing
DF33C-2S-3.3C
676-1136-6 00
2
7.8
3.3
100pcs/
pack
DF33C-3S-3.3C
676-1137-9 00
3
11.1
6.6
DF33C-4S-3.3C
676-1138-1 00
4
14.4
9.9
DF33C-5S-3.3C
676-1139-4 00
5
17.7 13.2
DF33C-6S-3.3C
676-1140-3 00
6
21.0 16.5
Part No.
HRS No.
No.of Contacts
AB
Packing
DF33C-4DS-3.3C
676-1119-7 00
4
7.8
3.3
100pcs/
pack
DF33C-6DS-3.3C
676-1120-6 00
6
11.1
6.6
DF33C-8DS-3.3C
676-1121-9 00
8
14.4
9.9
DF33C-10DS-3.3C
676-1122-1 00
10
17.7 13.2
DF33C-12DS-3.3C
676-1123-4 00
12
21.0 16.5


Similar Part No. - DF33C-6RS-3.3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33-12DP-3.3C HIROSE-DF33-12DP-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DP-3.3DSA HIROSE-DF33-12DP-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3C HIROSE-DF33-12DS-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3DSA HIROSE-DF33-12DS-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12P-3.3C HIROSE-DF33-12P-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
More results

Similar Description - DF33C-6RS-3.3

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BNI JST-BNI Datasheet
118Kb / 4P
   3.3mm pitch/Disconnectable Crimp style connectors
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Wabash Transformer Inc.
PSV-01-10 WABASH-PSV-01-10 Datasheet
678Kb / 2P
   Small Size Power Transformer
logo
Panasonic Battery Group
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Intersil Corporation
ISL98608 INTERSIL-ISL98608 Datasheet
124Kb / 2P
   High Efficiency Power Supply for Small Size Displays
December 23, 2014
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Renesas Technology Corp
ISL98608 RENESAS-ISL98608 Datasheet
4Mb / 39P
   High Efficiency Power Supply for Small Size Displays
logo
Intersil Corporation
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
   High Efficiency Power Supply for Small Size Displays
May 7, 2014
logo
Anpec Electronics Corop...
APW7252 ANPEC-APW7252 Datasheet
398Kb / 24P
   High Efficiency Power Supply for Small Size Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com