Selected language     English  ▼


TDA4867J Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA4867J
Description  Full bridge current driven vertical deflection booster
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 10 page
background image
2003 Feb 05
10
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical
deflection booster
TDA4867J
APPLICATION INFORMATION
handbook, full pagewidth
2.2
vertical
output
signal
3.3 k
22
µF
220
k
7
6
VFB
VFB
OUTA
TDA4867J
1N4448
BC556
BC548
2.2
k
VP
guard output,
HIGH = error
MGU992
Fig.5 Application circuit for external guard signal generation.
handbook, full pagewidth
MGU993
TDA4867J
Ldeflcoil = 5.2 mH
Rdeflcoil = 4.2 Ω
220
10
CSP
RSP
Rp
(2)
Rm
1
56
7
89
3.4 k
Rref
guard output or
power save
mode input
CFB
100
µF (V
FB < 40 V)
(1)
RFB
(1)
220
µF
4
3
2
1
VP
VFB
IINP
IINN
from driver circuit
TDA485x or SAA4856
Fig.6 Application diagram with driver circuit TDA485x or SAA4856.
(1) If VFB is between 40 and 60 V a resistor RFB = 100 Ω and a capacitor CFB =22 µF are required.
(2) The value of CSP is application dependent, but 10 nF minimum is required.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
GWM160-0055P3Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1 2 3 IXYS Corporation
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl