Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF33C-8RDS-3.3 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF33C-8RDS-3.3
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C-8RDS-3.3 Datasheet(HTML) 1 Page - Hirose Electric

  DF33C-8RDS-3.3 Datasheet HTML 1Page - Hirose Electric DF33C-8RDS-3.3 Datasheet HTML 2Page - Hirose Electric DF33C-8RDS-3.3 Datasheet HTML 3Page - Hirose Electric DF33C-8RDS-3.3 Datasheet HTML 4Page - Hirose Electric DF33C-8RDS-3.3 Datasheet HTML 5Page - Hirose Electric DF33C-8RDS-3.3 Datasheet HTML 6Page - Hirose Electric DF33C-8RDS-3.3 Datasheet HTML 7Page - Hirose Electric DF33C-8RDS-3.3 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2015.11
t
3.3mm Pitch Small Size Connectors for Internal Power Source
DF33C Series
Features
1. 5 Amps capacity
When used with 20 AWG wire, this connector has a
maximum capacity of 5A.
(For rated current with other types of wires, please refer to
the table on the next page)
2. Secure lock mechanism
Outer locking mechanism prevents accidental unmating due
to external shocks or drops. (Fig.1)
3. Incorrect mating prevention
Two different housings, a standard and R type, are available
to ensure mis-mating does not occur when using multiple
DF33C connectors on the same design. (Fig.2)
4. Accurate board placement
Guide posts are used to help with board placement and
prevent incorrect mating to the PCB.
5. Supports resin sealing
Accepts resin sealing up to 6.5mm without affecting the
performance.
6. Short circuit prevention
The housing protects each contact by enclosing them in a “box”
which also makes each contact independent of each other.
This design prevents short circuits between adjacent contacts.
7. Excellent contact retention
A retainer is available to increase contact/cable retention and
to assure complete contact insertion. The retainer should
also be used when any mechanical stress cold be applied to
the cable.
8. Prevents solder cracking
To avoid solder crack, a glass-filled resin is used in the
header housing to decrease thermal shrinkage.
9. Easy mating operation
A clear tactile click is delivered upon the completion of the
mating process. This simplifies mating and increases work
efficiency, especially when operating in a noisy environment.
10. Glow Wire compliance (Compliant with IEC 60695-2-11)
Positive
Lock
Fig.1
Keying for multiple use
Standard type (Resin: White)
* The image on the left show header (the board
dip side), the image on the right show the
socket (cabel side).
* This guide key position is indicated in position
facing the mating surface of the header.
R type (Resin: Black)
Fig.2
Completely enclosed
locking system
Protection from
shorts circuits
between adjacent
contacts


Similar Part No. - DF33C-8RDS-3.3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33-12DP-3.3C HIROSE-DF33-12DP-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DP-3.3DSA HIROSE-DF33-12DP-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3C HIROSE-DF33-12DS-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3DSA HIROSE-DF33-12DS-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12P-3.3C HIROSE-DF33-12P-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
More results

Similar Description - DF33C-8RDS-3.3

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BNI JST-BNI Datasheet
118Kb / 4P
   3.3mm pitch/Disconnectable Crimp style connectors
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Wabash Transformer Inc.
PSV-01-10 WABASH-PSV-01-10 Datasheet
678Kb / 2P
   Small Size Power Transformer
logo
Panasonic Battery Group
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Intersil Corporation
ISL98608 INTERSIL-ISL98608 Datasheet
124Kb / 2P
   High Efficiency Power Supply for Small Size Displays
December 23, 2014
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Renesas Technology Corp
ISL98608 RENESAS-ISL98608 Datasheet
4Mb / 39P
   High Efficiency Power Supply for Small Size Displays
logo
Intersil Corporation
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
   High Efficiency Power Supply for Small Size Displays
May 7, 2014
logo
Anpec Electronics Corop...
APW7252 ANPEC-APW7252 Datasheet
398Kb / 24P
   High Efficiency Power Supply for Small Size Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com