Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX15SC-41S-0.5SH Datasheet(PDF) 6 Page - Hirose Electric

Part # FX15SC-41S-0.5SH
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15SC-41S-0.5SH Datasheet(HTML) 6 Page - Hirose Electric

Back Button FX15SC-41S-0.5SH Datasheet HTML 2Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 3Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 4Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 5Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 6Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 7Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 8Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 9Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FX15 Series
1mm Pitch Wire-to-Board Connectors supporting LVDS signal
BPlug crimp contacts
Part No.
HRS No.
Packaging
Quantity
Finish
RoHS
FX15-2830PCFB
575-2002-0
Reel
20,000 pcs/reel
Gold plated
Yes
FX15-3032PCFB
575-2003-3
Applicable cable (Tin plated, annealed copper wire)
FX15-2830PCFB
Applicable wire size
(Stranded wire conductor)
Jacket diameter
UL No.
28 AWG (7/0.127mm)
Ø0.56 to 0.72mm
1517
30 AWG (7/0.1mm)
1571
FX15-3032PCFB
Applicable wire size
(Stranded wire conductor)
Jacket diameter
UL No.
30 AWG (7/0.1mm)
Ø0.5 to 0.6mm
1516, 1571 (Note)
32 AWG (7/0.08mm)
1571
Wire strip length: 1.1 to 1.8mm
Note : When using wires other than those noted above, please contact Hirose for asistance.
Tools
Item
Part No.
HRS No.
Applicable crimp contact
Applicator
AP105-FX15-2830
901-4036-0
FX15-2830PCFB
AP105-FX15-3032
901-4033-1
FX15-3032PCFB
Press unit
CM-105C
901-0001-0
–––––––––
0.72±0.1
0.35±0.1
t=0.15±0.05


Similar Part No. - FX15SC-41S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15SC-41S-05SH HIROSE-FX15SC-41S-05SH Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15SC-41S-05SV HIROSE-FX15SC-41S-05SV Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15SC-41S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com