Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM-105C Datasheet(PDF) 2 Page - Hirose Electric

Part # CM-105C
Description  0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CM-105C Datasheet(HTML) 2 Page - Hirose Electric

  CM-105C Datasheet HTML 1Page - Hirose Electric CM-105C Datasheet HTML 2Page - Hirose Electric CM-105C Datasheet HTML 3Page - Hirose Electric CM-105C Datasheet HTML 4Page - Hirose Electric CM-105C Datasheet HTML 5Page - Hirose Electric CM-105C Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
■Product Specifications
Ratings
Current
Rating
No. of contacts
2
3 to 5
6 to 10
12 or more
Operating temperature range : -40 to 85(Note 1)
Operating humidity range : 20 to 80 % (Note 2)
28 AWG
2.5A
2.0A
1.5A
1.2A
30 AWG
2.0A
1.5A
1.2A
1.0A
32 AWG
1.5A
1.0A
0.8A
0.8A
Voltage
Rating
ACDC 100
Storage temperature range : -10 to 60°
C (Note 3)
Storage humidity range : 40 to 70% (Note 3)
Items
Specifications
Conditions
1.Insulation resistance
100MΩ min.
Measured at 100V DC
2.Withstanding Voltage
No flashover dielectric breakdown
300V AC applied for 1 minute.
3.Contact resistance
10mΩ max.
Measured at a maximum of 20 V DC, 1mA (DC or 1000Hz)
4. Vibration resistance
No electrical discontinuity for more than 1μs
10 cycles in each of three axis at frequency 10-55 Hz,
half amplitude 0.75mm
5. Shock resistance
No electrical discontinuity for more than 1μs
Acceleration of 490 m/s2,11 ms, 3 directions (semi-
sinusoidal), 3 cycles each
6. Moisture resistance
Contact resistance : 20mΩ max.
insulation resistance : 100MΩ min.
Temperature : 40±2
℃ ; humidity : 90 to 95%, for 96 hours
7. Temperature cycle
Contact resistance : 20mΩ max.
insulation resistance : 100MΩ min.
(-55
℃ for 30 minutes 5 to 35℃ for 2 to 3 minutes 85℃ for
30 minutes 5 to 35
℃ for 2 to 3 minutes) in 5 cycles
8. Mating durability
Contact resistance : 20m
Ω max.
Mating and Unmating
: 20 times
9. Solder heat resistance
No dissolution of housing parts that
affect performance.
Reflow : according to the Recommended Temperature Profile
Manual soldering : temperature of soldering iron at 350
℃ ± 10℃
for 3 seconds
Note 1 : Includes the temperature rise caused by current flow.
Note 2 : Use in environments without condensation.
Note 3 : The term “storage” refers to the long-term storage condition of unused products before PCB mounting.
Operating temperature/humidity range is applied to the deenergized state after mounting of PCB and the temporary storage
state during transportation.
■Materials / Finish
Product
Part
Materials
Finish
UL Regulation
Receptacle
Insulator
Polyamide
Black
UL94V-0
Contact
Copper alloy
Tin plating
Crimping plug
Insulator
Polyamide
Black
UL94V-0
Crimp contact
Contact
Copper alloy
Tin plating
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Receptacle
DF 52 - * S - 0.8 H
❶❷
❸ ❹
❺❻
Series name
: DF
Series No.
: 52
Number of contacts
: 2
, 3, 4, 5, 6, 8, 10, 12, 14, 15, 16, 17, 20
Connector type
S : Receptacle
Contact Pitch
: 0.8mm
Termination style H : SMT Right Angle Type
●Crimp contact
DF 52 - 2832 PCF
❶❷
Series name
: DF
Series No.
: 52
Applicable wire size
: 2832 28 to 32 AWG
Method type/Packaging type PCF : Plug crimp contact, reel
●Plug connector
DF 52 - * P - 0.8 C
❶❷
❸ ❹
❺❻
Series name
: DF
Series No.
: 52
Number of contacts
: 2
, 3, 4, 5, 6, 8, 10, 12, 14, 15, 16, 17, 20
Connector type
P : Crimping plug
Contact Pitch
: 0.8mm
Termination style C : Crimping plug
2
DF52 Series
0.8mm Pitch, Compact and Robust Wire-to-Board Connectors


Similar Part No. - CM-105C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CM-105C HIROSE-CM-105C Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
CM-105C HIROSE-CM-105C Datasheet
623Kb / 12P
   Small I/O connectors for AC adapters
CM-105C HIROSE-CM-105C Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
CM-105C HIROSE-CM-105C Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
CM-105C HIROSE-CM-105C Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
More results

Similar Description - CM-105C

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com