Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50S-20DS-1C Datasheet(PDF) 11 Page - Hirose Electric

Part # DF50S-20DS-1C
Description  1mm Pitch, Board to Wire Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50S-20DS-1C Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF50S-20DS-1C Datasheet HTML 4Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 5Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 6Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 7Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 8Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 9Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 10Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 11Page - Hirose Electric DF50S-20DS-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF50 Series1mm Pitch, Board to Wire Lock Connector
1.Recommended Temperature
Profile
(Compatible with lead-free
soldering)
[Applicable Conditions]
1.Peak temperature: a maximum of 250°C for no more than 10 seconds
2.Heating unit: no less than 220°C for no more than 60 seconds
3.Preheating unit: 150 to 180°C for 90 to 120 seconds
4.Number of times: no more than 2 times
* Measurement is conducted at the contact lead part
As it may change depending on the conditions such as solder paste types,
manufacturers, PCB size, and other soldering materials, please fully check
the mounting conditions before use.
(Note 1) This temperature profile is a recommended value.
2.Recommended hand soldering
conditions
Temperature of soldering iron: 350±10°C, soldering time: 3 to 4 seconds
3.Recommended screen thickness and
aperture ratio (Pattern surface ratio)
Thickness: 0.1mm, aperture ratio: 100%
4.Warpage of the Board
A maximum of 0.02mm at the center of connector, as measured from either end
of the connector
5.Cleaning Conditions
IPA cleaning is allowed. (Cleaning is not recommended because cleaning
may change the push/pull feeling etc. Please contact us when you use other
cleaning agents. )
6.Precautions
▪ When inserting a crimp contact into a crimp socket, do not insert it at a
slanted angle in order to maintain the reliability of its performance.
▪ Please refrain from pushing/pulling operation when the PCB is not mounted.
It may cause breakage, contact deformation, etc.
▪ Please refrain from pushing/pulling operation with wires in your hand. It may
cause damage.
▪During hand soldering, do not apply flux which will cause flux oozing on
connector.
▪ This product may have a little difference in its molded color depending on the
production lot, but the difference doesn't have any influence on the
performance.
▪Please refer to the operation manual for more information.
▪Please refer to the documents "Cable assembly procedure", "Crimp condition"and
"Crimp quality standards" for the cable assembly procedure.
BPrecautions
TIME (sec)
180℃
100
150
200
250
220℃
PRE-HEATING TIME SOLDERING TIME
MAX 250℃
90 – 120sec
60secMAX
10secMAX
0


Similar Part No. - DF50S-20DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50S-20DS-1C HIROSE-DF50S-20DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
More results

Similar Description - DF50S-20DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Molex Electronics Ltd.
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333481 MOLEX1-5054333481 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333881 MOLEX1-5054333881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com