Selected language     English  ▼


TDA4867 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4867
Description  Full bridge current driven vertical deflection booster
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 11 page
background image
2003 Feb 05
11
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical
deflection booster
TDA4867J
Example
Table 1
Values given from application diagram Fig.6
Note
1. Use heatsink compound.
Table 2
Calculated values
Note
1. Tj(max) =PIC × [Rth(j-mb) +Rth(mb-amb)]+Tamb.
SYMBOL
VALUE
UNIT
Idefl
0.71
A
Ldeflcoil
5.2
mH
Rdeflcoil
5.4 [= 4.2 + 7% +
∆R(ϑ)] Ω
Rm
1 (+1%)
Rp
220
Rref
3.4
k
VFB
40
V
Tamb
50
°C
Tdeflcoil
75
°C
Rth(j-mb)
4
K/W
Rth(mb-amb)(1)
6
K/W
SYMBOL
VALUE
UNIT
VP
8.5
V
tflb
≈200
µs
Ptot
3.4
W
Pdefl
0.9
W
PIC
2.5
W
Rth(tot)
10
K/W
Tj(max)(1)
75
°C
Calculation formulae for supply voltage:
Vb1 =Vsat(VP-OUTA) +Rdeflcoil × Idefl − U’L +Rm × Idefl +Vsat(OUTB-GND)
Vb2 =Vsat(OUTA-GND) +Rdeflcoil × Idefl +U’L +Rm × Idefl +Vsat(VP-OUTB)
for Vb1 >Vb2 :VP =Vb1
for Vb2 >Vb1 :VP =Vb2
where:
U’L =Ldeflcoil × 2 × Idefl × fv
fv = vertical deflection frequency.
Calculation formulae for power consumption:
where:
PIC = power dissipation of the TDA4867J
Ptot = total power dissipation
Pdefl = power dissipation of the deflection coil.
Calculation formulae for flyback time (tflb):
P
IC
P
tot
P
defl
=
P
tot
V
P
I
defl
2
---------
V
P
+
0.02 A
0.1 W
V
FB
I
FB
×
++
×
×
=
P
defl
1
3
---
R
deflcoil
R
m
+
()
×
I
defl
2
×
=
t
flb
L
deflcoil
R
deflcoil
R
m
+
---------------------------------
V
FB
R
deflcoil
R
m
+
() I
defl
×
+
V
FB
R
deflcoil
R
m
+
() I
defl
×
---------------------------------------------------------------------


ln
×




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
GWM160-0055P3Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1 2 3 IXYS Corporation
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl