Selected language     English  ▼


TDA4867 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA4867
Description  Full bridge current driven vertical deflection booster
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
2003 Feb 05
2
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical
deflection booster
TDA4867J
FEATURES
• Fully integrated, few external components
• Maximum 2.5 A (p-p) deflection current
• No additional components in combination with the
deflection controller family TDA485x and SAA4856
• Pre-amplifier with differential high CMRR current mode
inputs
• Low offsets
• High linear sawtooth signal amplification
• High efficient DC-coupled vertical output bridge circuit
• High deflection frequency up to 200 Hz
• Power supply and flyback supply voltage independent
adjustable to optimize power consumption and flyback
time
• Excellent transition behaviour during flyback
• Guard circuit for screen protection
• Power save mode controlled by input pins
(in combination with SAA4856 only) or guard pin.
GENERAL DESCRIPTION
The TDA4867J is a power booster for use in colour vertical
deflection systems for frame frequencies of 50 to 200 Hz.
The circuit provides a high CMRR current driven
differential input. Due to the bridge configuration of the two
output stages DC-coupling of the deflection coil is
achieved. In conjunction with the deflection controller
family TDA485x and SAA4856 the ICs offer an extremely
advanced system solution.
QUICK REFERENCE DATA
Notes
1. Voltages refer to pin GND.
2. If VFB is between 40 and 60 V a decoupling capacitor CFB =22 µF (between pin VFB and pin GND) and a resistor
RFB = 100 Ω (between pin VFB and flyback supply voltage) are required (see Fig.6).
3. Differential input current Ii(dif) =IINP − IINN.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC supplies; note 1
VP
supply voltage
8.2
25
V
VFB
flyback supply voltage
note 2
VP +6
60
V
Iq(VFB)
quiescent flyback current
no load; no signal
2.5
4
mA
Vertical circuit
Idefl(p-p)
deflection current on pins OUTB
and OUTA (peak-to-peak value)
0.6
2.5
A
Ii(dif)
differential input current
note 3
−±500
±600
µA
Flyback generator
IFB(p-p)
maximum current during flyback on
pin VFB (peak-to-peak value)
−−
2.5
A
Guard circuit; note 1
VGUARD
guard voltage
guard on
5.5
6.2
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
GWM160-0055P3Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1 2 3 IXYS Corporation
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl