Selected language     English  ▼


TDA4867 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA4867
Description  Full bridge current driven vertical deflection booster
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
2003 Feb 05
4
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical
deflection booster
TDA4867J
PINNING
FUNCTIONAL DESCRIPTION
The TDA4867J consists of a differential input stage, two
output stages, a flyback generator, a protection circuit for
the output stages and a guard circuit.
Differential input stage
The differential input stage has a high CMRR differential
current mode input (pin INP and pin INN) that results in a
high electromagnetic immunity and is especially suitable
for driver units with differential (e.g. TDA485x or SAA4856)
and single-ended current signals.
The differential input stage delivers the driver signals for
the output stages.
In combination with the SAA4856 the power save mode
can be achieved via the input pins without additional
components.
Output stages
The two output stages are current driven in opposite phase
and operate in combination with the deflection coil in a full
bridge configuration. Therefore, the TDA4867J requires no
external coupling capacitor and operates with one supply
voltage (VP) and a separate adjustable flyback supply
voltage (VFB) only. The deflection current through the coil
(Idefl) is measured with the resistor Rm which produces a
voltage drop: Urm ≈ Rm × Idefl. At pin FEEDB a part of Idefl
is fed back to the input stage. The feedback input has a
current input characteristic which holds the differential
voltage between pin FEEDB and pin OUTB on zero.
Therefore the feedback current (IFEEDB) through Rref is:
The input stage directly compares the driver currents into
pins INP and INN with the half of the feedback current
(IFEEDB). Any difference of this comparison leads to a more
or less driver current for the output stages. The relation
between the deflection current and the differential input
current (Ii(dif) =IINP − IINN) is:
or:
The deflection current can be adjusted up to
±1.25 A by
varying Rref when Rm is fixed to 1 Ω.
Flyback generator
The flyback generator supplies the output stage A during
flyback. This makes it possible to optimize power
consumption (supply voltage VP) and flyback time (flyback
voltage VFB) separately. Due to the absence of a
decoupling capacitor the flyback voltage is fully available.
In parallel with the deflection yoke and the damping
resistor (Rp) an additional capacitor (CSP) and a series
resistor (RSP) have to be used. The flyback time can be
optimized depending on the value of CSP.
SYMBOL
PIN
DESCRIPTION
INP
1
non-inverted input
INN
2
inverted input
VP
3
supply voltage
OUTB
4
output B
GND
5
ground
OUTA
6
output A
VFB
7
flyback supply voltage
GUARD
8
guard output or power save
mode input
FEEDB
9
feedback input
handbook, halfpage
TDA4867J
MGU989
1
2
3
4
5
6
7
8
9
INP
INN
VP
OUTB
GND
OUTA
VFB
GUARD
FEEDB
Fig.2 Pin configuration.
I
FEEDB
R
m
R
ref
----------
I
defl
×
I
idif
()
2I
FEEDB
×
R
m
R
ref
----------
I
defl
×
2
×
=
I
defl
I
idif
()
R
ref
2R
×
m
-----------------
×




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
GWM160-0055P3Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1 2 3 IXYS Corporation
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl