Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP105-DF60-8 Datasheet(PDF) 6 Page - Hirose Electric

Part # AP105-DF60-8
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AP105-DF60-8 Datasheet(HTML) 6 Page - Hirose Electric

Back Button AP105-DF60-8 Datasheet HTML 2Page - Hirose Electric AP105-DF60-8 Datasheet HTML 3Page - Hirose Electric AP105-DF60-8 Datasheet HTML 4Page - Hirose Electric AP105-DF60-8 Datasheet HTML 5Page - Hirose Electric AP105-DF60-8 Datasheet HTML 6Page - Hirose Electric AP105-DF60-8 Datasheet HTML 7Page - Hirose Electric AP105-DF60-8 Datasheet HTML 8Page - Hirose Electric AP105-DF60-8 Datasheet HTML 9Page - Hirose Electric AP105-DF60-8 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DF60 Series
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
■Crimp socket
1 package = 100 pcs
Contact No.
Contact No.
Sockets with 1 to 4 pos.
Sockets with 5 to 6 pos.
3 pos.
5 pos.
Standard Type
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
Guide key
Color
DF60-1S-10.16C
680-3009-9
1
——
15.8
Left
Black
DF60-2S-10.16C
680-3010-8
2
10.16
22.36
DF60-3S-10.16C
680-3002-0
3
20.32
32.52
DF60-4S-10.16C
680-3011-0
4
30.48
42.68
DF60-5S-10.16C
680-3012-3
5
40.64
52.84
DF60-6S-10.16C
680-3013-6
6
50.8
63
Standard Type [Color : Red]
Part No.
HRS No.
No. of Contacts
A
B
Guide key
Color
DF60-1S-10.16C(15)
680-3009-9 15
1
——
15.8
Left
Red
DF60-2S-10.16C(15)
680-3010-8 15
2
10.16
22.36
DF60-3S-10.16C(15)
680-3002-0 15
3
20.32
32.52
R Type
Part No.
HRS No.
No. of Contacts
A
B
Guide key
Color
DF60R-2S-10.16C
680-3031-8
2
10.16
22.36
Right
Gray
DF60R-3S-10.16C
680-3032-0
3
20.32
32.52
Note : Please place orders in full lot quantities.


Similar Part No. - AP105-DF60-8

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AP105-DF6-1822P HIROSE-AP105-DF6-1822P Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
AP105-DF63-1618-3 HIROSE-AP105-DF63-1618-3 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
AP105-DF63-1618-3 HIROSE-AP105-DF63-1618-3 Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
AP105-DF63-1618-4 HIROSE-AP105-DF63-1618-4 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
AP105-DF63-1618-4 HIROSE-AP105-DF63-1618-4 Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
More results

Similar Description - AP105-DF60-8

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com