Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50A-3S-1C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF50A-3S-1C
Description  1mm Pitch, Board to Wire Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-3S-1C Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF50A-3S-1C Datasheet HTML 3Page - Hirose Electric DF50A-3S-1C Datasheet HTML 4Page - Hirose Electric DF50A-3S-1C Datasheet HTML 5Page - Hirose Electric DF50A-3S-1C Datasheet HTML 6Page - Hirose Electric DF50A-3S-1C Datasheet HTML 7Page - Hirose Electric DF50A-3S-1C Datasheet HTML 8Page - Hirose Electric DF50A-3S-1C Datasheet HTML 9Page - Hirose Electric DF50A-3S-1C Datasheet HTML 10Page - Hirose Electric DF50A-3S-1C Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DF50 Series1mm Pitch, Board to Wire Lock Connector
■Single-row right angle pin header
BRecommended PCB Dimensions
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
C
DF50A-2P-1H (**)
665-1031-4 **
2
6.81
1
6
DF50A-3P-1H (**)
665-1032-7 **
3
7.81
2
7
DF50A-4P-1H (**)
665-1033-0 **
4
8.81
3
8
DF50A-5P-1H (**)
665-1034-2 **
5
9.81
4
9
DF50A-6P-1H (**)
665-1035-5 **
6
10.81
5
10
DF50A-8P-1H (**)
665-1037-0 **
8
12.81
7
12
DF50A-10P-1H (**)
665-1039-6 **
10
14.81
9
14
DF50A-12P-1H (**)
665-1041-8 **
12
16.81
11
16
DF50A-16P-1H (**)
665-1045-9 **
16
20.81
15
20
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (1,000 pcs/reel)
[Specification Number: **, (**) ]
(51): Gold plating, embossed packaging
*: No. of Contacts


Similar Part No. - DF50A-3S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-3S-1C HIROSE-DF50A-3S-1C Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
DF50A-3S-1C HIROSE-DF50A-3S-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
More results

Similar Description - DF50A-3S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Molex Electronics Ltd.
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333481 MOLEX1-5054333481 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333881 MOLEX1-5054333881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com