Selected language     English  ▼


TDA4864J Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4864J
Description  Vertical deflection booster
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
2003 Oct 31
6
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4864J; TDA4864AJ
FUNCTIONAL DESCRIPTION
Both the TDA4864J and TDA4864AJ consist of a
differential input stage, a vertical output stage, a flyback
generator, a reference circuit and a thermal protection
circuit.
The TDA4864J operates with a separate flyback supply
voltage (see Fig.1) while the TDA4864AJ generates the
flyback voltage internally by doubling the supply voltage
(see Fig.2).
Differential input stage
The differential sawtooth input current signal (coming from
the deflection controller) is connected to the inputs
(inverted signal to pin INN and non-inverted signal to
pin INP). The vertical feedback signal is superimposed on
the inverted signal on pin INN.
Vertical output and thermal protection
The vertical output stage is a quasi-complementary
class-B amplifier with a high linearity.
The output stage is protected against thermal overshoots.
For a junction temperature Tj > 150 °C this protection will
be activated and will reduce then the deflection current
(IV-OUT).
Flyback generator
The flyback generator supplies the vertical output stage
during flyback.
The TDA4864J is used with separate flyback supply
voltage to achieve a short flyback time with minimized
power dissipation.
The TDA4864AJ needs a capacitor CF between
pins VP3 and VP2 (see Fig.2). Capacitor CF is charged
during scan, using the external diode D1 and resistor R5.
During flyback the cathode of capacitor CF is connected to
the positive supply voltage and the flyback voltage is then
twice the supply voltage. For the TDA4864AJ the
resistor R6 in the positive supply line can be used to
reduce the power consumption.
In parallel with the deflection coil a damping resistor RP
and an RC combination (RS1 = 5.6 Ω and CS1 = 100 nF)
are needed. Furthermore, another additional
RC combination (RS2 = 5.6 Ω and CS2 = 47 to 150 nF)
can be used to minimize the noise effect and the flyback
time (see Figs 9 and 10).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
STV9379VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379AVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
STV9379FVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
TDA8179FTV VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl