Selected language     English  ▼


TDA4864AJ Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. TDA4864AJ
Description  Vertical deflection booster
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 8 page
background image
2003 Oct 31
8
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4864J; TDA4864AJ
CHARACTERISTICS
VP1 =25V; Tamb =25 °C; voltages referenced to pin GND; unless otherwise specified.
Note
1. Deviation of the output slope at a constant input slope.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP1
supply voltage 1
9
30
V
VP2
supply voltage 2
VP1 − 1 −
60
V
VFB
flyback supply voltage of TDA4864J
VP1 − 1 −
60
V
VP3
flyback generator output voltage of TDA4864AJ
IV-OUT = −1.25 A 0
VP1 + 2.2 V
IP1
supply current 1
during scan
610
mA
IP2
quiescent supply current 2
IV-OUT =0
25
60
mA
Differential input stage
Vi
input voltage on
pin INN
1.6
VP1 − 0.5 V
pin INP
1.6
VP1 − 0.5 V
Iq
input quiescent current on
pin INN
−−100
−500
nA
pin INP
−−100
−500
nA
Flyback generator
IVFB
current during flyback of TDA4864J
−−±1.5
A
IVP3
current during flyback of TDA4864AJ
−−±1.5
A
VVP2-VFB
voltage drop during flyback of TDA4864J
reverse
IV-OUT = −1A
−−1.5
V
IV-OUT = −1.25 A −−2
V
forward
IV-OUT =1A
2.2
V
IV-OUT = 1.25 A
2.5
V
VVP3-VP1
voltage drop during flyback of TDA4864AJ
reverse
IV-OUT = −1A
−−1.5
V
IV-OUT = −1.25 A −−2
V
forward
IV-OUT =1A
2.2
V
IV-OUT = 1.25 A
2.5
V
Vertical output stage; see Fig.5
IV-OUT
vertical deflection output current
−−±1.25
A
IV-OUT(p-p)
vertical deflection output current
(peak-to-peak value)
−−
2.5
A
Vo(sat)n
output saturation voltage to ground
IV-OUT =1A
1.4
1.7
V
IV-OUT = 1.25 A
1.8
2.3
V
Vo(sat)p
output saturation voltage to VP2
IV-OUT =1A
−2.3
−2
V
IV-OUT = 1.25 A
−2.8
−2.3
V
LIN
non-linearity of output signal
note 1
−−
1%




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
STV9379VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379AVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
STV9379FVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
TDA8179FTV VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl