Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP105-DF63-1618S-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # AP105-DF63-1618S-1
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AP105-DF63-1618S-1 Datasheet(HTML) 1 Page - Hirose Electric

  AP105-DF63-1618S-1 Datasheet HTML 1Page - Hirose Electric AP105-DF63-1618S-1 Datasheet HTML 2Page - Hirose Electric AP105-DF63-1618S-1 Datasheet HTML 3Page - Hirose Electric AP105-DF63-1618S-1 Datasheet HTML 4Page - Hirose Electric AP105-DF63-1618S-1 Datasheet HTML 5Page - Hirose Electric AP105-DF63-1618S-1 Datasheet HTML 6Page - Hirose Electric AP105-DF63-1618S-1 Datasheet HTML 7Page - Hirose Electric AP105-DF63-1618S-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2015.11
w
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 Series
■Features
1. Rated for up to 15A
DF63 has the capacity to handle a max of 15A when
using 16 AWG wire.
(Please refer to the chart for the rated current in other pin counts.)
2. Secure mating and clear tactile click
The locking mechanism delivers a clear and tactile
click, which prevents incomplete mating. (Fig. 2)
3. Prevents incomplete insertion of the crimp contact
A structure to prevent incomplete insertion of the
crimp contacts is provided. (Fig. 3)
4. Prevents incorrect mating
A mechanism has been added to prevent reverse
mating and incorrect mating between different number
of positions. (Fig. 4)
5. Reverse mounting prevention to PCB
The pin header is equipped with a guide post to
prevent reverse insertion on the PCB. (Fig. 1)
6. Molded lance design
The lance is actually part of the housing instead of being a part
of the terminal. This prevents tangled wires during assembly.
7. Short-circuit prevention
The wall structure between the contacts helps to isolate the
contacts and prevents short circuits between contacts. (Fig. 1)
8. Suitable for potting
Capable of being potted, up to 5mm.
9. Solder crack prevention
Glass-reinforced resin is used on the pin header to
prevent solder cracks due to thermal contraction.
10. GlowWire compliance (Compliant with IEC 60695-2-11)
* Keying options were provided to prevent incorrect connections.
Keying options prevent incorrect connections due to the use of multiple
connectors on the same board. When using identical pin counts, two
versions are available with different keying options.(Fig. 4)
* Supports 7.92mm pitch
Also supports 7.92mm pitch with 2 or 3 pos. without pins
Note 1 : * means the product will be available upon request.
Please contact Hirose representative.
Unique locking
mechanism is
contained inside
the header
Socket and header
design avoids
short-circuit between
adjacent contacts.
Guide keys
prevent incorrect
insertion
Guide pins
temporarily hold
and assure proper
orientation of the
connector.
AA
A
A
Crimp contact
Lock portions of the
plug and the header
start to engage.
No contact yet
Header contact
Crimp contact
(insufficiently inserted)
Lock does
not work.
Lance and header
protection mechanism
meet.
■Standard type (color: black)
■R-type (color: white)
(UL, C-UL, TÜV, Listed)
Lock structure
Prevention of insufficient insertion of the crimp contact
Keying options are available to prevent incorrect connections
due to the use of multiple connectors on the same board.
Fig. 2
Fig. 3
Fig. 4
Fig. 1


Similar Part No. - AP105-DF63-1618S-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AP105-DF63-1618-3 HIROSE-AP105-DF63-1618-3 Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
AP105-DF63-1618-4 HIROSE-AP105-DF63-1618-4 Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
More results

Similar Description - AP105-DF63-1618S-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Maxim Integrated Produc...
MAX17233EVKIT MAXIM-MAX17233EVKIT Datasheet
899Kb / 14P
   6V to 36V, 15A power supply
Rev 0; 2/16
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com