Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV591 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV591
Description  3-A HIGH-EFFICIENCY PWM POWER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV591 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV591 Datasheet HTML 6Page - Texas Instruments DRV591 Datasheet HTML 7Page - Texas Instruments DRV591 Datasheet HTML 8Page - Texas Instruments DRV591 Datasheet HTML 9Page - Texas Instruments DRV591 Datasheet HTML 10Page - Texas Instruments DRV591 Datasheet HTML 11Page - Texas Instruments DRV591 Datasheet HTML 12Page - Texas Instruments DRV591 Datasheet HTML 13Page - Texas Instruments DRV591 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DRV591
SLOS389A – NOVEMBER 2001– REVISED MAY 2002
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 12
0
0.5
1
1.5
2
2.5
3
3.5
012345
TJ = 100°C
TJ = 85°C
TJ = 125°C
VDD = 5 V
TA = 25°C
VFP Package
MAXIMUM OUTPUT CURRENT
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
Figure 13
0
0.5
1
1.5
2
2.5
3
3.5
–40 –30 –20 –10 0
10 2030 4050 6070 80
MAXIMUM OUTPUT CURRENT
vs
AMBIENT TEMPERATURE
TA – Ambient Temperature – °C
TJ ≤ 125°C
VFP Package
Figure 14
0
1
2
3
4
5
6
7
8
9
10
1.2
1.6
2.0
2.4
2.8
3.2
3.6 3.8
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VDD = 5 V
No Load
Figure 15
10
11
12
13
14
15
16
17
18
19
20
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VDD = 3.3 V
No Load


Similar Part No. - DRV591

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV591VFP TI1-DRV591VFP Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591VFP1 TI1-DRV591VFP1 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591VFPG4 TI1-DRV591VFPG4 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591VFPR TI1-DRV591VFPR Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591VFPRG4 TI1-DRV591VFPRG4 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
More results

Similar Description - DRV591

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI-DRV593 Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV590 TI-DRV590 Datasheet
237Kb / 16P
[Old version datasheet]   1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
[Old version datasheet]   1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV595 TI-DRV595 Datasheet
995Kb / 24P
[Old version datasheet]   15V/짹3A High-Efficiency PWM Power Driver
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
   HIGH EFFICIENCY AUDIO PWM DRIVER
September 1988
logo
Texas Instruments
DRV593 TI1-DRV593_15 Datasheet
798Kb / 27P
[Old version datasheet]   3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
logo
ADTech
ADT6750 ADTECH-ADT6750 Datasheet
77Kb / 1P
   PWM High-Efficiency LED driver with a built in internal power MOSFET capable
logo
Diodes Incorporated
AL9910EV5 DIODES-AL9910EV5 Datasheet
226Kb / 8P
   PWM high-efficiency LED driver control IC
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com