Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS893500H-UP(Note9) Datasheet(PDF) 8 Page - Hirose Electric

Part # CHS893500H-UP(Note9)
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CHS893500H-UP(Note9) Datasheet(HTML) 8 Page - Hirose Electric

  CHS893500H-UP(Note9) Datasheet HTML 1Page - Hirose Electric CHS893500H-UP(Note9) Datasheet HTML 2Page - Hirose Electric CHS893500H-UP(Note9) Datasheet HTML 3Page - Hirose Electric CHS893500H-UP(Note9) Datasheet HTML 4Page - Hirose Electric CHS893500H-UP(Note9) Datasheet HTML 5Page - Hirose Electric CHS893500H-UP(Note9) Datasheet HTML 6Page - Hirose Electric CHS893500H-UP(Note9) Datasheet HTML 7Page - Hirose Electric CHS893500H-UP(Note9) Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
DF63 Series15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
BMated dimensions
●Board-to-Wire Connection using
the straight pin header
BPrecautions for use
1. The connector could be damaged if it is pulled out forcibly. When it is hard to pull out, push it in slightly first and then depress
the lock and un-mate.
2. When thick, short sections of wire are used, the connector could be deformed due to the force of the wires’ position.
Route cables in such a way that they do twist when being installed.
3. Make sure to turn off the power when mating or un-mating the connector.
4. Please do not touch any area around the contact part with your hand when the power is on; it could be very dangerous.
5. Please contact Hirose representative about the assembly procedure and the instruction manual.
BRated values
Please avoid using the connectors above the ratings. Also, do not insert or pull out energized or “ live” wires.
BOperating environment
Please contact us if you are designing this connector into environmental conditions where high and low temperatures are repeated.
DF63-*S-3.96C
DF63-*P-3.96DSA
8.91
BContact Extraction
Contact extraction tool : Flat-bladed screwdriver. 1.2mm blade width or DF-C-PO(B)
■ Intended crimp Contacts : DF63-1618SC(F), DF63-2022SC(F), DF63-1618PC(F), DF63-2022PC(F)
■ Work Method
DF63-*P-3.96DS
DF63-*S-3.96C
(20)
DF63-*S-3.96C
DF63-*EP-3.96C
(11.1)
(29.55)
●Socket to Right Angle Header Connection
●Socket to In-line Plug Connection
1.Refer to the drawing No.1. Insert
correct size contact extraction tool in
the insulator against the molded-in
lance. Deflect the lance as shown.
2.Assure that the lance is deflected to
release the contact and pull-out wire
with the terminated contact.
  Caution There are parts on the crimp contact that can cause injuries,please use cautionwhenunmating the contacts.
1
2
Contact extraction tool
Housing Cross Sectional Diagram
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 11/2015. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®


Similar Part No. - CHS893500H-UP(Note9)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CHS893500H-UP HIROSE-CHS893500H-UP Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
More results

Similar Description - CHS893500H-UP(Note9)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Maxim Integrated Produc...
MAX17233EVKIT MAXIM-MAX17233EVKIT Datasheet
899Kb / 14P
   6V to 36V, 15A power supply
Rev 0; 2/16
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com