Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1340Z-18 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1340Z-18
Description  I2C RTC with Trickle Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340Z-18 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1340Z-18 Datasheet HTML 2Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 3Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 4Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 5Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 6Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 7Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 8Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 9Page - Maxim Integrated Products DS1340Z-18 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Detailed Description
The DS1340 is a low-power clock/calendar with a trickle
charger. Address and data are transferred serially
through a I2C bidirectional bus. The clock/calendar pro-
vides seconds, minutes, hours, day, date, month, and
year information. The date at the end of the month is
automatically adjusted for months with fewer than 31
days, including corrections for leap year. The DS1340
has a built-in power-sense circuit that detects power fail-
ures and automatically switches to the backup supply.
Oscillator Circuit
The DS1340 uses an external 32.768kHz crystal. The
oscillator circuit does not require any external resistors
or capacitors to operate. Table 1 specifies several crys-
tal parameters for the external crystal. Figure 3 shows a
functional schematic of the oscillator circuit. If using a
crystal with the specified characteristics, the startup
time is usually less than one second.
Clock Accuracy
The initial clock accuracy depends on the accuracy of
the crystal and the accuracy of the match between the
capacitive load of the oscillator circuit and the capaci-
tive load for which the crystal was trimmed. Additional
I2C RTC with Trickle Charger
6
_____________________________________________________________________
Pin Description
PIN
8
16
NAME
FUNCTION
1
X1
2
X2
Connections for a Standard 32.768kHz Quartz Crystal. The internal oscillator circuitry is designed for
operation with a crystal having a specified load capacitance (CL) of 12.5pF. X1 is the input to the
oscillator and can optionally be connected to an external 32.768kHz oscillator. The output of the internal
oscillator, X2, is floated if an external oscillator is connected to X1.
3
14
VBACKUP
Connection for a Secondary Power Supply. For the 1.8V and 3V devices, VBACKUP must be held
between 1.3V and 3.7V for proper operation. VBACKUP can be as high as 5.5V on the 3.3V device.
This pin can be connected to a primary cell such as a lithium coin cell. Additionally, this pin can be
connected to a rechargeable cell or a super cap when used with the trickle-charge feature. UL
recognized to ensure against reverse charging when used with a lithium battery.
4
15
GND
Ground
5
16
SDA
Serial Data Input/Output. SDA is the data input/output for the I
2C serial interface. The SDA pin is open
drain and requires an external pullup resistor.
6
1
SCL
Serial Clock Input. SCL is the clock input for the I
2C interface and is used to synchronize data movement
on the serial interface.
7
2
FT/OUT
Frequency Test/Output. This pin is used to output either a 512Hz signal or the value of the OUT bit. When
the FT bit is logic 1, the FT/OUT pin toggles at a 512Hz rate. When the FT bit is logic 0, the FT/OUT pin
reflects the value of the OUT bit. This open-drain pin requires an external pullup resistor, and operates
with either VCC or VBACKUP applied.
8
3
VCC
DC Power for Primary Power Supply
4–13
N.C.
No Connection. Must be connected to ground.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal
Frequency
fO
32.768
kHz
Series Resistance
ESR
45,60**
kΩ
Load Capacitance
CL
12.5
pF
Table 1. Crystal Specifications*
*The crystal, traces, and crystal input pins should be isolated
from RF generating signals. Refer to Application Note 58:
Crystal Considerations for Dallas Real-Time Clocks for addi-
tional specifications.
**A crystal with up to 60kΩ ESR can be used if the minimum
operating voltages on both VCC and VBACKUP are at least 2.0V.
COUNTDOWN
CHAIN
RTC
X1
X2
CL1
CL2
CRYSTAL
RTC
REGISTERS
Figure 3. Oscillator Circuit Showing Internal Bias Network


Similar Part No. - DS1340Z-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340Z-18 MAXIM-DS1340Z-18 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340Z-18 MAXIM-DS1340Z-18 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340Z-18++ MAXIM-DS1340Z-18+ Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results

Similar Description - DS1340Z-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com