Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1371 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1371
Description  2-Wire, 32-Bit Binary Counter Watchdog Clock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1371 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1371 Datasheet HTML 5Page - Maxim Integrated Products DS1371 Datasheet HTML 6Page - Maxim Integrated Products DS1371 Datasheet HTML 7Page - Maxim Integrated Products DS1371 Datasheet HTML 8Page - Maxim Integrated Products DS1371 Datasheet HTML 9Page - Maxim Integrated Products DS1371 Datasheet HTML 10Page - Maxim Integrated Products DS1371 Datasheet HTML 11Page - Maxim Integrated Products DS1371 Datasheet HTML 12Page - Maxim Integrated Products DS1371 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1371
9 of 14
Time-of-Day Counter
The time-of-day counter is a 32-bit up counter. The contents can be read or written by accessing the
address range 00h–03h. When the counter is read, the current time of day is latched into a register, which
is output on the serial data line while the counter continues to increment. Writing to the counter resets the
countdown chain for the time-of-day counter (Figure 2). The watchdog countdown chain is unaffected. If
the square-wave output is enabled and is set to 1Hz, the output resets when the countdown chain is reset.
Because the other square-wave frequencies are derived before the section of the countdown chain that is
reset, the other frequencies are unaffected by a write to the time-of-day counter.
Watchdog/Alarm Counter
The watchdog/alarm counter is a 24-bit down counter. The contents can be read or written by accessing
the address range 04h–06h. When this counter is written, both the counter and a seed register are loaded
with the written value. The countdown chain for the watchdog counter is reset when the counter is
written. The time-of-day countdown chain is unaffected. When the counter is to be reloaded, it uses the
value in the seed register. In alarm mode, when the counter is read, the current counter value is latched
into a register, which is output on the serial data line while the counter continues to decrement. In
watchdog mode, reading any of the watchdog registers reloads the seed value.
If the counter is not needed, it can be disabled and used as a 24-bit cache of general-purpose RAM by
setting the WACE bit in the control register to logic 0. If all 24 bits of the watchdog/alarm counter are
written to a 0 when WACE = 1, the counter is disabled and the AF bit is not set.
When the WD/ALM bit in the control register is set to a logic 0, the WD/ALM counter decrements every
second, until it reaches 0. At this point, the AF bit in the status register is set, the counter is reloaded, and
restarted.
When the WD/ALM bit is set to a logic 1, the WD/ALM counter decrements every 1/4096 of a second
(approximately every 244µs) until it reaches 0, sets the AF bit in the status register, and stops. If AIE = 1
and INTCN = 1, the SQW/INT pin pulses low for 250ms. The pulse cannot be truncated by writing either
AF or AIE to a 0 during the low time of the SQW/INT pin. At the end of the 250ms pulse, the AF bit is
cleared to a 0 and the SQW/INT pin becomes high impedance. The WD/ALM counter can be reloaded and
restarted before the counter reaches 0 by:
1) Reading or writing any of the WD/ALM counter registers (WDS must be low).
2) A low-to-high transition on the WDS pin.
Note: WDS must be low when configuring the watchdog.


Similar Part No. - DS1371

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1371U DALLAS-DS1371U Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
DS1371U++ DALLAS-DS1371U+ Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
More results

Similar Description - DS1371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
   I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
logo
Fairchild Semiconductor
DM74LS193 FAIRCHILD-DM74LS193 Datasheet
74Kb / 7P
   Synchronous 4-Bit Binary Counter with Dual Clock
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com