Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS83C530-QNL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS83C530-QNL
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS83C530-QNL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS83C530-QNL Datasheet HTML 5Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 6Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 7Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 8Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 9Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 10Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 11Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 12Page - Maxim Integrated Products DS83C530-QNL Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
9 of 46
Table 1. Special Function Register Locations (continued)
* Functions not present in the 80C52 are in bold.
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
TL2
CCh
TH2
CDh
PSW
CY
AC
F0
RS1
RS0
OV
FL
P
D0h
WDCON
SMOD_1
POR
EPFI
PFI
WDIF
WTRF
EWT
RWT
D8h
ACC
E0h
EIE
ERTCI
EWDI
EX5
EX4
EX3
EX2
E8h
B
F0h
RTASS
F2h
RTAS
0
0
F3h
RTAM
0
0
F4h
RTAH
0
0
0
F5h
EIP
PRTCI
PWDI
PX5
PX4
PX3
PX2
F8h
RTCC
SSCE
SCE
MCE
HCE
RTCRE
RTCWE
RTCIF
RTCE
F9h
RTCSS
FAh
RTCS
0
0
FBh
RTCM
0
0
FCh
RTCH
FDh
RTCD0
FEh
RTCD1
FFh
NONVOLATILE FUNCTIONS
The DS87C530/DS83C530 provide two functions that are permanently powered if a user supplies an
external energy source. These are an on-chip RTC and a nonvolatile SRAM. The chip contains all related
functions and controls. The user must supply a backup source and a 32.768kHz timekeeping crystal.
REAL-TIME CLOCK
The on-chip RTC keeps time of day and calendar functions. Its time base is a 32.768kHz crystal between
pins RTCX1 and RTCX2. The RTC maintains time to 1/256 of a second. It also allows a user to read (and
write) seconds, minutes, hours, day of the week, and date. Figure 2 shows the clock organization.
Timekeeping registers allow easy access to commonly needed time values. For example, software can
simply check the elapsed number of minutes by reading one register. Alternately, it can read the complete
time of day, including subseconds, in only four registers. The calendar stores its data in binary form.
While this requires software translation, it allows complete flexibility as to the exact value. A user can
start the calendar with a variety of selections since it is simply a 16-bit binary number of days. This
number allows a total range of 179 years beginning from 0000.
The RTC features a programmable alarm condition. A user selects the alarm time. When the RTC reaches
the selected value, it sets a flag. This will cause an interrupt if enabled, even in Stop mode. The alarm
consists of a comparator that matches the user value against the RTC actual value. A user can select a
match for 1 or more of the sub-seconds, seconds, minutes, or hours. This allows an interrupt


Similar Part No. - DS83C530-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C530-QNL DALLAS-DS83C530-QNL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS83C530-QNL DALLAS-DS83C530-QNL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS83C530-QNL MAXIM-DS83C530-QNL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS83C530-QNL++ DALLAS-DS83C530-QNL+ Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS83C530-QNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com