Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1393100-5 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1-1393100-5
Description  General Purpose Relays Industrial Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1393100-5 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1-1393100-5 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393100-5 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Relays
Industrial Relays
KBP Series Panel Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Dimensions
KBP - enclosed
KB - open style
Terminal assignment
2 Form C
4 Form C
5 Form C
.875 REF.TYP.
(22.23)
1.187 REF. TYP.
(30.15)
1.781 MAX. TYP.
(45.24)
3.56 MAX.
(90.4)
.44 ± .03
(11.2 ± .8)
1.25 ± .03
(31.8 ± .8)
2.406 MAX.
(61.11)
.56 ± .03
(14.2 ± .8)
.156" DIA.
(4) MTG. HOLES
(2 HOLES EACH
FOR END OR
BOTTOM MOUNTING.)
.250
(6.35)
.005 (0.127)
.010 (0.254)
.500
(12.7)
2.205 MAX.
(36.01)
1.12 ± .015
(46.02 ± 0.3 )
1.375
(34.2)
.031 REF.
(0.7)
.25
(6.35)
3.22
(1.7 )
1.60
(40.7)
Note: Shown with reset coil energized last.
KBP11
KBP17
9
13
12
10 14
16
15
17
18
8
6
4
2
7
5
3
20
19
1
Reset
Latch
KBP20
9 11
13
12
10 14
16
15
17
18
8
6
4 2
7
5
3
20
19
1
Reset
Latch
11
5 6
Latch
Reset
7
8
9
10
11
4
3
2
1
Product Code
Arrangement
Case style
Contact material
Coil
Part Number
KB-17AG-120
4 form C, 4 CO
open
AgCdO
120VAC
1-1393100-2
KB-17DG-12
12VDC
1-1393100-5
KBP-11AG-120
2 form C, 2 CO
enclosed
120VAC
2-1393100-4
KBP-11DG-24
24VDC
2-1393100-6
KBP-11DG-110
110VDC
2-1393100-5
KBP-20AG-120
5 form C, 5 CO
120VAC
3-1393100-4
Product code structure
Typical product code
-KBP -11
A
G
-24
Type
KBP
Enclosed, dual coil mechanical latching relay
KB
Open, dual coil mechanical latching relay
Contact arrangement
11 2 form C (2CO)
20 5 form C (5CO)
17 4 form C (4CO)
Coil input
A AC
D DC
Contact rating
Blank 5A, 120VAC (Ag)
G 10A, 120VAC, 80% PF (AgCdO)
Coil voltage
Coil code: please refer to coil versions table
Specify the same latch and release coil voltage for standard relays.
Unlike coils available on special order.


Similar Part No. - 1-1393100-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1393102-1 TEC-1-1393102-1 Datasheet
368Kb / 2P
   Heavy copper alloy movable contact arms
1-1393102-1 TEC-1-1393102-1 Datasheet
368Kb / 2P
   Heavy copper alloy movable contact arms
logo
Tyco Electronics
1-1393105-2 MACOM-1-1393105-2 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
1-1393105-2 TEC-1-1393105-2 Datasheet
250Kb / 3P
   Octal type termination for quick installation
More results

Similar Description - 1-1393100-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
   General Purpose Relays Industrial Relays
Rev. 0522
RMC TEC-RMC Datasheet
274Kb / 3P
   General Purpose Relays Industrial Relays
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com