Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS83C530-ECL Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS83C530-ECL
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS83C530-ECL Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS83C530-ECL Datasheet HTML 3Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 4Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 5Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 6Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 7Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 8Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 9Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 10Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
7 of 46
The relative time of two instructions might be different in the new architecture than it was previously. For
example, in the original architecture, the “MOVX A, @DPTR” instruction and the “MOV direct, direct”
instruction used two machine cycles or 24 oscillator cycles. Therefore, they required the same amount of
time. In the DS87C530/DS83C530, the MOVX instruction takes as little as two machine cycles or eight
oscillator cycles but the “MOV direct, direct” uses three machine cycles or 12 oscillator cycles. While
both are faster than their original counterparts, they now have different execution times. This is because
the DS87C530/DS83C530 usually use one instruction cycle for each instruction byte. The user concerned
with precise program timing should examine the timing of each instruction for familiarity with the
changes. Note that a machine cycle now requires just 4 clocks, and provides one ALE pulse per cycle.
Many instructions require only one cycle, but some require five. In the original architecture, all were one
or two cycles except for MUL and DIV. Refer to the High-Speed Microcontroller User’s Guide for
details and individual instruction timing.
SPECIAL FUNCTION REGISTERS
Special Function Registers (SFRs) control most special features of the DS87C530/DS83C530. This
allows the device to incorporate new features but remain instruction-set compatible with the 8051.
EQUATE statements can be used to define the new SFR to an assembler or compiler. All SFRs contained
in the standard 80C52 are duplicated in this device. Table 1 shows the register addresses and bit locations.
The High-Speed Microcontroller User’s Guide describes all SFRs.


Similar Part No. - DS83C530-ECL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C530-ECL DALLAS-DS83C530-ECL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS83C530-ECL DALLAS-DS83C530-ECL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS83C530-ECL MAXIM-DS83C530-ECL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS83C530-ECL++ DALLAS-DS83C530-ECL+ Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS83C530-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com