Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-1393114-5 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 8-1393114-5
Description  Side flange and top flange mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393114-5 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  8-1393114-5 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393114-5 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393114-5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
09-2014, Rev. 0914
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KUHP Series Panel Relay (Continued)
Product Code
Arrangement
Mounting
Coil
Terminals
Part Number
KUHP-5DT1-12
1 form C, 1 CO
top flange
12VDC
.250“ quick connect
8-1393114-7
KUHP-5DT1-24
24VDC
8-1393114-8
KUHP-5D51-24
bracket
9-1393114-1
KUHP-5D51-12
12VDC
9-1393114-0
KUHP-5A51-24
24VAC
8-1393114-5
KUHP-5A51-120
120VAC
8-1393114-4
KUHP-5AT1-120
top flange
8-1393114-1
KUHP-11A51-24
bracket
24VAC
7-1393114-0
KUHP-11A51-240
2 form C, 2 CO
240VAC
7-1393114-1
KUHP-11AT1-120
top flange
120VAC
6-1393114-5
KUHP-11DT1-24
24VDC
7-1393114-3
KUHP-11D51-12
bracket
12VDC
7-1393114-7
KUHP-11D51-24
24VDC
7-1393114-8
KUHP-11DT1-12
top flange
12VDC
7-1393114-2
Product code structure
Typical product code
KUHP 11
A
5
1
-120
Type
KUHP Enclosed Panel Plug-in Relay, 20/30A
KUH Open Panel Plug-in Relay 20/30A
Contact arrangement and rating
1
1 form A (NO); 30A
7
2 formA (NO); 20A
2
1 form B (NC); 30A
8
2 form B (NC); 20A
5
1 form C (CO); 30A
11 2 form C (CO); 20A
Coil Input
A AC, 50/60Hz
D DC
Mountings
KUHP options
KUH options
1
Plain case
1
#6-32 stud, 0.218“ locating tab
5
Bracket mount case
4
#6-32 tapped core, 0.218“ locating tab
T
Top flange mount case
Terminals and contact materials
1
.250“ (6.35mm) quick connect/solder; silver-cadmium oxide
7
.047“ (1.19mm) printed circuit; silver-cadmium oxide
P .250“ quick connect/solder; silver tin oxide indium oxide
S .047“ printed circuit; silver tin oxide indium oxide
Coil voltage
Coil code: please refer to coil versions table


Similar Part No. - 8-1393114-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1393113-3 TEC-8-1393113-3 Datasheet
337Kb / 3P
   Magnetic blow-out
8-1393113-5 TEC-8-1393113-5 Datasheet
337Kb / 3P
   Magnetic blow-out
8-1393113-6 TEC-8-1393113-6 Datasheet
337Kb / 3P
   Magnetic blow-out
8-1393113-7 TEC-8-1393113-7 Datasheet
337Kb / 3P
   Magnetic blow-out
8-1393113-8 TEC-8-1393113-8 Datasheet
337Kb / 3P
   Magnetic blow-out
More results

Similar Description - 8-1393114-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
K10 TEC-K10 Datasheet
185Kb / 3P
   Socket, PCB and top flange mounting options
logo
Pepperl+Fuchs Inc.
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
   Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
   Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
   Mounting flange
BF4 PF-BF4 Datasheet
510Kb / 1P
   Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
   Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-95-3A-A GLENAIR-M85049-95-3A-A Datasheet
190Kb / 1P
   Mounting Flange
logo
Pepperl+Fuchs Inc.
BF12-F PF-BF12-F Datasheet
579Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-96-03-A GLENAIR-M85049-96-03-A Datasheet
60Kb / 1P
   Mounting Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com