Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1044-18 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1044-18
Description  4-in-1 High-Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1044-18 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1044-18 Datasheet HTML 1Page - Dallas Semiconductor DS1044-18 Datasheet HTML 2Page - Dallas Semiconductor DS1044-18 Datasheet HTML 3Page - Dallas Semiconductor DS1044-18 Datasheet HTML 4Page - Dallas Semiconductor DS1044-18 Datasheet HTML 5Page - Dallas Semiconductor DS1044-18 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS1044
021798 5/6
TEST CONDITIONS
Ambient Temperature: 25
°C ± 3°C
Supply Voltage (VCC): 5.0V ± 0.1V
Input Pulse:
High: 3.0V
± 0.1V
Low: 0.0V
± 0.1V
Source Impedance: 50
Ω Max.
Rise and Fall Time: 3.0 ns Max. – Measured between 0.6V and 2.4V.
Pulse Width: 500 ns
Pulse Period: 1
µs
Output Load Capacitance: 15 pF
Output: Each output is loaded with the equivalent of one 74F04 input gate.
Data is measured at the 1.5V level on the rising and falling edges.
Note: The above conditions are for test only and do not restrict the devices under other data sheet conditions.
TIMING DIAGRAM
1.5V
1.5V
1.5V
1.5V
1.5V
IN
tFALL
tRISE
80%
20%
tPLH
tPHL
OUT
tWI
tWI
PERIOD
NOTES:
1. All voltages are referenced to ground.
2. @ VCC=5 volts and 25°C, delay accuracy on both the rising and falling edges within tolerances given in
Table 1.
3. Pulse width and duty cycle specifications may be exceeded, however, accuracy will be application sensitive
with respect to de–coupling, layout, etc.


Similar Part No. - DS1044-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1044 MAXIM-DS1044 Datasheet
40Kb / 6P
   4?밿n?? High?밪peed Silicon Delay Line
021798
More results

Similar Description - DS1044-18

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1135L DALLAS-DS1135L Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com