Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1992L-F5 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1992L-F5
Description  1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1992L-F5 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1992L-F5 Datasheet HTML 7Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 8Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 9Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 10Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 11Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 12Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 13Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 14Page - Dallas Semiconductor DS1992L-F5 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DS1992/DS1993
11of 11
slave(s). The presence pulse lets the bus master know that the DS199_ is on the bus and is ready to
operate. For more details, see the 1-Wire Signaling section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the four ROM function commands. All
ROM function commands are 8 bits long. A list of these commands follows (see the flow chart in Figure
9).
Read ROM [33h]
This command allows the bus master to read the DS199_’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command should only be used if there is a single DS199_ on the bus. If
more than one slave is present on the bus, a data collision occurs when all slaves try to transmit at the
same time (open drain produces a wired-AND result). The resultant family code and 48-bit serial number
usually result in a mismatch of the CRC.
Match ROM [55h]
The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a
specific DS199_ on a multidrop bus. Only the DS199_ that exactly matches the 64-bit ROM sequence
will respond to the following memory function command. All slaves that do not match the 64-bit ROM
sequence wait for a reset pulse. This command can be used with single or multiple devices on the bus.
Skip ROM [CCh]
This command can save time in a single drop bus system by allowing the bus master to access the
memory functions without providing the 64-bit ROM code. If more than one slave is present on the bus
and, for example, a read command is issued following the Skip ROM command, data collision will occur
on the bus as multiple slaves transmit simultaneously (open-drain pulldowns produce a wired-AND
result).
Search ROM [F0h]
When a system is initially brought up, the bus master may not know the number of devices on the 1-Wire
bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process of
elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process is
the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the desired
value of that bit. The bus master performs this simple, 3-step routine on each bit of the ROM. After one
complete pass, the bus master knows the 64-bit ROM code of one device. Additional passes will identify
the ROM codes of the remaining devices. See Chapter 5 of the Book of DS19xx iButton Standards for a
comprehensive discussion of a search ROM, including an actual example.
1-WIRE SIGNALING
The DS199_ require strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: reset sequence with reset pulse and presence pulse, write 0, write 1, and read data.
The bus master initiates all these signals except presence pulse. The initialization sequence required to
begin any communication with the DS199_ is shown in Figure 10. A reset pulse followed by a presence
pulse indicates the DS199_ is ready to send or receive data given the correct ROM command and
memory function command. The bus master transmits (Tx) a reset pulse (tRSTL, minimum 480
ms). The bus
master then releases the line and goes into receive mode (Rx). The 1-Wire bus is pulled to a high state
through the pullup resistor. After detecting the rising edge on the data line, the DS199_ waits (tPDH, 15
ms
to 60
ms) and then transmits the presence pulse (tPDL, 60ms to 240ms).


Similar Part No. - DS1992L-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1992L-F5 MAXIM-DS1992L-F5 Datasheet
326Kb / 17P
   1Kb/4Kb Memory iButton짰
REV: 101408
DS1992L-F5++ MAXIM-DS1992L-F5+ Datasheet
172Kb / 17P
   1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
More results

Similar Description - DS1992L-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1996 DALLAS-DS1996 Datasheet
321Kb / 18P
   64kbit Memory iButtonTM
DS9092R DALLAS-DS9092R Datasheet
59Kb / 2P
   iButtonTM Port
DS9094 DALLAS-DS9094 Datasheet
59Kb / 1P
   iButtonTM Clip
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
   Dual Port Memory Plus Time
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
   4Kbit Wireless Memory Inlay
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
   4Kb Plus Time Memory iButton®
11/09
logo
Dallas Semiconductor
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
   16-kbit Memory iButton
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com