Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1340C-3 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1340C-3
Description  I2C RTC with Trickle Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340C-3 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1340C-3 Datasheet HTML 4Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 5Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 6Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 7Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 8Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 9Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 10Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 11Page - Maxim Integrated Products DS1340C-3 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
and flag registers are located in address locations 08h
to 09h. During a multibyte access of the timekeeping
registers, when the address pointer reaches 07h—the
end of the clock and control register space—it wraps
around to location 00h. Writing the address pointer to
the corresponding location accesses address locations
08h and 09h. After accessing location 09h, the address
pointer wraps around to location 00h. On a I2C START,
STOP, or address pointer incrementing to location 00h,
the current time is transferred to a second set of regis-
ters. The time information is read from these secondary
registers, while the clock may continue to run. This
eliminates the need to reread the registers in case the
main registers update during a read.
Clock and Calendar
The time and calendar information is obtained by read-
ing the appropriate register bytes. Table 2 shows the
RTC registers. The time and calendar data are set or
initialized by writing the appropriate register bytes. The
contents of the time and calendar registers are in the
binary-coded decimal (BCD) format. The day-of-week
register increments at midnight. Values that correspond
to the day of week are user-defined but must be
sequential (i.e., if 1 equals Sunday, then 2 equals
Monday, and so on). Illogical time and date entries
result in undefined operation. Bit 7 of register 0 is the
enable oscillator (
EOSC) bit. When this bit is set to 1, the
oscillator is disabled. When cleared to 0, the oscillator is
enabled. The initial power-up value of
EOSC is 0.
Location 02h is the century/hours register. Bit 7 and bit
6 of the century/hours register are the century-enable
bit (CEB) and the century bit (CB). Setting CEB to logic
1 causes the CB bit to toggle, either from a logic 0 to a
logic 1, or from a logic 1 to a logic 0, when the years
register rolls over from 99 to 00. If CEB is set to logic 0,
CB does not toggle.
When reading or writing the time and date registers,
secondary (user) buffers are used to prevent errors
when the internal registers update. When reading the
time and date registers, the user buffers are synchro-
nized to the internal registers on any START or STOP
and when the register pointer rolls over to zero. The
time information is read from these secondary registers
while the clock continues to run. This eliminates the
need to reread the registers in case the internal regis-
ters update during a read.
The divider chain is reset whenever the seconds regis-
ter is written. Write transfers occur on the acknowledge
from the DS1340. Once the divider chain is reset, to
avoid rollover issues, the remaining time and date reg-
isters must be written within one second.
Special-Purpose Registers
The DS1340 has three additional registers (control,
trickle charger, and flag) that control the RTC, trickle
charger, and oscillator flag output.
Control Register (07h)
Bit 7: Output Control (OUT). This bit controls the out-
put level of the FT/OUT pin when the FT bit is set to 0. If
FT = 0, the logic level on the FT/OUT pin is 1 if OUT = 1
and 0 if OUT = 0. The initial power-up OUT value is 1.
I2C RTC with Trickle Charger
8
_____________________________________________________________________
BIT 7
TCS3
1 OF 16 SELECT
NOTE: ONLY 1010b
ENABLES CHARGER
1 OF 2
SELECT
VCC
VBACKUP
R1
250Ω
TCS0-3 = TRICKLE-CHARGER SELECT
DS0-1 = DIODE SELECT
TOUT0-1 = RESISTOR SELECT
R2
2kΩ
R3
4kΩ
1 OF 3
SELECT
BIT 6
TCS2
BIT 5
TCS1
BIT 4
TCS0
BIT 3
DS1
BIT 2
DS0
BIT 1
ROUT1
BIT 0
ROUT0
Figure 6. Trickle Charger Functional Diagram


Similar Part No. - DS1340C-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340C-3 MAXIM-DS1340C-3 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340C-3 MAXIM-DS1340C-3 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340C-3- MAXIM-DS1340C-3- Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340C-33 MAXIM-DS1340C-33 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340C-33 MAXIM-DS1340C-33 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
More results

Similar Description - DS1340C-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com