Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1393127-5 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 3-1393127-5
Description  Magnetic blowouts available for switching DC loads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393127-5 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  3-1393127-5 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393127-5 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393127-5 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393127-5 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
06-2016, Rev. 0616
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
PRD Series Power Relay (Continued)
Insulation Data
Initial dielectric strength
between open contacts
2000V
rms
between contact and coil
2000V
rms
between adjacent contacts
2000V
rms
Initial insulation resistance
between insulated elements
100MΩ
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
AC coil: -55ºC to 45ºC
DC coil: -55°C to 80°C
Category of environmental protection
IEC 61810
RT0 - open relay
Terminal type
Screw, Quick connects, Box lugs
Weight
284g
Packaging/unit
tray/20 pcs., box/40pcs.
Accessories
Product Code Description
35D013
Metal dust cover
Coil Data
Coil voltage range
6 to 110VDC
6 to 480VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
W
6
6
4.5
0.6
18
2
12
12
9
1.2
71
2
24
24
18
2.4
288
2
48
48
36
4.8
1150
2
110
110
82.5
11
6050
2
All figures are given for coil without preenergization, at ambient temperature +23°C.
Other coil voltages on request.
Coil versions, AC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ω±15%
VA
6
6
5.1
0.6
0.86
9.8
12
12
10.2
1.2
3.2
9.8
24
24
20.4
2.4
12
9.8
120
120
102
12
290
9.8
240
240
204
24
1200
9.8
480
480
408
48
4500
9.8
All figures are given for coil without preenergization, at ambient temperature +23°C.
Other coil voltages on request.
Dimensions
PRD/PRDA 1, 3, 5 and 7
PRD/PRDA 11
PRD-3_P and R
2.28 MAX.
(57.9)
.375
(9.53)
.31
(7.9)
1.875
(47.63)
2.50
(63.5)
2.5 MAX.
(64)
.81
(20.6)
.59 MAX.
(15.0)
BOX LUG
CONNECTOR
.875 MAX.
(22.23)
1.687
(42.85)
3.375 MAX.
(85.73)
.31
(7.9)
1.875
(47.63)
2.51 MAX.
(63.8)
1
2
3
4
5
6
7
8
4.250 MAX.
(107.95)
3.00
(76.2)
.375
(9.53)
2.50 MAX.
(63.5)
3.375 MAX.
(85.73)
W/O AUX SWITCH
.375
(9.53)
2.23
(56.6)
3.375
(85.73)
2.28 MAX.
(57.9)
2.50 MAX.
(63.5)
ON PRD7
2
4
6
3
1
5
.187 + .005
– .003
4.75 + .13
– .08
1.875
(47.63)
2.51 MAX.
(63.75)
.31
(7.9)
2.5 MAX.
(63.3)
.81
(20.6)
.875 MAX.
(22.23)
2.5 MAX.
(63.5)
W/O AUX SWITCH
COIL
COIL
COIL
5
6
2
1
(
)
2 MTG. HOLES
DIA.
.187 + .005
– .003
4.75 + .13
– .08
(
)
2 MTG. HOLES
DIA.
.187 + .005
– .003
4.75 + .13
– .08
(
)
2 MTG. HOLES
DIA.


Similar Part No. - 3-1393127-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393122-6 TEC-3-1393122-6 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
3-1393122-7 TEC-3-1393122-7 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
3-1393122-8 TEC-3-1393122-8 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
3-1393122-9 TEC-3-1393122-9 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
More results

Similar Description - 3-1393127-5

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
PHOENIX CONTACT
101804 PHOENIX-101804 Datasheet
132Kb / 3P
   Power Optocoupler for Switching High DC Loads up to 5 A
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
logo
TE Connectivity Ltd
H-26 TEC-H-26 Datasheet
153Kb / 1P
   Vacuum dielectric for power switching low current loads
logo
Omron Electronics LLC
G9EJ-1-E OMRON-G9EJ-1-E Datasheet
587Kb / 6P
   Compact DC Power Relays Capable of Switching 400 V 15 A DC loads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com