Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1135LZ3010 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1135LZ3010
Description  3V 3-in-1 High-Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1135LZ3010 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1135LZ3010 Datasheet HTML 1Page - Dallas Semiconductor DS1135LZ3010 Datasheet HTML 2Page - Dallas Semiconductor DS1135LZ3010 Datasheet HTML 3Page - Dallas Semiconductor DS1135LZ3010 Datasheet HTML 4Page - Dallas Semiconductor DS1135LZ3010 Datasheet HTML 5Page - Dallas Semiconductor DS1135LZ3010 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1135-L
4 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +6.0 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
See J-STD-020A specification
Short Circuit Output Current
50mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C;VCC=2.7-3.6V)
PARAMETER
SYMBOL
TEST
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.7
3.3
3.6
V
Active Current
ICC
VCC =3.6V
Period=1
ms
10
mA
High Level Input Voltage
VIH
2.0
VCC +0.5
V
Low Level Input Voltage
VIL
-0.5
0.8
V
Input Leakage
IL
0V≤VI ≤VCC
-1.0
+1.0
mA
High Level Output
Current
ICC
VCC =2.7V
VOH =2V
-1.0
mA
Low Level Output
Current
ICC
VCC =2.7V
VOL=0.4V
8mA
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C;VCC=2.7-3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Period
tPERIOD
2 (tWI )ns
Input Pulse Width
tWI
100% of
Delay Value
ns
Input-to-Output Delay
tPLH, tPHL
See Table 1
ns
Output Rise or Fall Time
tOF, tOR
2.0
2.5
ns
Power-up Time
tPU
1ms
2
CAPACITANCE
(TA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
10
pF


Similar Part No. - DS1135LZ3010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135LZ-10++ MAXIM-DS1135LZ-10+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-12++ MAXIM-DS1135LZ-12+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-15++ MAXIM-DS1135LZ-15+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-20++ MAXIM-DS1135LZ-20+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-25++ MAXIM-DS1135LZ-25+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
More results

Similar Description - DS1135LZ3010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1044 DALLAS-DS1044 Datasheet
35Kb / 6P
   4-in-1 High-Speed Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com