Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1419136-6 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 9-1419136-6
Description  Plastic sealed case available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1419136-6 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  9-1419136-6 Datasheet HTML 1Page - TE Connectivity Ltd 9-1419136-6 Datasheet HTML 2Page - TE Connectivity Ltd 9-1419136-6 Datasheet HTML 3Page - TE Connectivity Ltd 9-1419136-6 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Relays
Power Relays
T9A Series, DC Coil 30A PCB or Panel Mount Relay
09-2015, Rev. 0815
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Contact ratings 1) (continued)
Type
Load
Cycles
UL 508/873
AgSnOInO, 1W coil
NO
30A, 240VAC, general purpose
100x103
NO
80LRA/30FLA, 240VAC
30x103
NC
10A, 250VAC, resistive
50x103
AgCdO, 900mW coil
NO
30A, 240VAC, general purpose
100x103
NO
18A, 240VAC, resistive, 105°C
100x103
NC
15A, 240VAC, resistive
6x103
NO
30LRA/15FLA, 240VAC
100x103
NO
50LRA/16FLA, 120VAC
100x103
NO
30LRA/11FLA, 120VAC
200x103
1) Contact ratings at 25°C (unless otherwise noteed) with relay properly vented. Remove
vent nib after soldering and cleaning.
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
5 to 110VDC
Max. coil power
110% of nominal
Max. coil temperature
155°C
Coil insulation system according UL
Class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
W
Code D (1W) coil
5
5
3.75
0.5
25
1
6
6
4.5
0.6
36
1
9
9
6.75
0.9
81
1
12
12
9
1.2
144
1
15
15
11.25
1.5
225
1
18
18
13.5
1.8
324
1
24
24
18
2.4
576
1
48
48
36
4.8
2304
1
110
110
82.5
11
12100
1
Code L (900mW) coil
5
5
3.75
0.5
27
.9
6
6
4.5
0.6
40
.9
9
9
6.75
0.9
97
.9
12
12
9
1.2
155
.9
15
15
11.25
1.5
256
.9
18
18
13.5
1.8
380
.9
24
24
18
2.4
660
.9
48
48
36
4.8
2560
.9
110
110
82.5
11
13450
.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
30A switching in 1 form A (NO) and 20A in 1 form C (CO)
n
Plastic sealed case available
n
Meets UL 508 and 873 spacing - 3.18mm through air, 6.36mm over
surface
n
Option for load connections via 0.250”” (6.35mm) Q.C. terminals
n
UL class F insulation system standard
Typical applications
HVAC, Appliances, Industrial Controls
Approvals
UL E58304; CSA LR48471
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO), 1 form B (NC), 1 form C (CO)
Rated voltage
277VAC
Max. switching voltage
277VAC
Rated current
30A
15A
20A/10A
Limiting continuous current
30A
Contact material
AgSnOInO, AgCdO
Min. recommended contact load
1A, 5VDC or 12VAC
Initial contact resistance
75 mΩ at 1A at 5VDC or 12VAC
Frequency of operation, with/without load
360/3600hr
Operate/release time max., including bounce
15/15ms
Contact ratings 1)
Type
Load
Cycles
Factory
AgCdO, 1W coil
NO
30A, 240VAC, general purpose
100x103
NO
25A, 240VAC, resistive
100x103
CO
20A/10A, 240VAC, general purpose
100x103
CO
20A/10A, 240VAC, resistive
100x103
CO
20A/10A, 28VDC, resistive
100x103
UL 508/873
AgCdO, 1W coil
NO
30A, 240VAC, general purpose
100x103
NC
15A, 240VAC, general purpose
100x103
CO
20A/10A, 240VAC, general purpose
100x103
NC
20A, 240VAC, resistive
6x103
CO
16.75A/13.4A, 240VAC, resistive
6x103
NO
80LRA/30FLA, 240VAC
30x103
NC
30LRA/12FLA, 240VAC
30x103
CO
53.6LRA/20FLA / 20LRA/8FLA, 240VAC
30x103
NO
98LRA/22FLA, 120VAC
100x103
NO
2HP, 240VAC
1x103
NC
1/2HP, 240VAC
1x103
NO
1HP, 125VAC
1x103
NC
1/4HP, 125VAC
1x103
NO
10A, 277VAC, ballast
6x103
NC
3A, 277VAC, ballast
6x103
NO
8.3A, 120VAC, tungsten
6x103
NO
5.4A, 277VAC, tungsten
6x103
NO
470VA, 120VAC, pilot duty
30x103
NO
20A, 28VDC, resistive
100x103
NC
10A, 28VDC, resistive
100x103
AgCdO - Enhanced Version Only, 1W coil
NO
21A, 250VAC, resistive
250x103
NO
25A, 277VAC, resistive
100x103
AgCdO, 1W coil (“H” type)
NO
25A, 240VAC, resistive, 105°C
6x103
1) Contact ratings at 25°C (unless otherwise noteed) with relay properly vented. Remove
vent nib after soldering and cleaning.


Similar Part No. - 9-1419136-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-1419136-6 TEC-9-1419136-6 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Similar Description - 9-1419136-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9A-2X TEC-T9A-2X Datasheet
592Kb / 3P
   Plastic sealed case available
logo
American Zettler, Inc.
AZ7705 AZETTLER-AZ7705 Datasheet
496Kb / 2P
   Epoxy sealed available
logo
jb Capacitors Company
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFZ JBCAPACITORS-JFZ Datasheet
365Kb / 3P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
   NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
logo
Cornell Dubilier Electr...
160 CDE-160 Datasheet
141Kb / 6P
   Rugged plastic case
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
   Sealed & Unsealed types available
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com