Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGBR6L45CL-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR6L45CL-TF3-T
Description  Low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR6L45CL-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR6L45CL-TF3-T Datasheet HTML 1Page - Unisonic Technologies MGBR6L45CL-TF3-T Datasheet HTML 2Page - Unisonic Technologies MGBR6L45CL-TF3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR6L45C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R204-069.a
ABSOLUTE MAXIMUM RATINGS (PER LEG) (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Peak Repetitive Reverse Voltage
VRRM
45
V
Per Leg
3
A
Average Rectified Forward Current
(Rated VR-20KHz Square Wave) –
50% duty cycle
Total
IO
6
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F
62.5
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220
2
TO-220F
3.31
Junction to Case
TO-252
θJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
45
V
IF=3A, TJ=25°C
0.67
V
Forward Voltage Drop
VFM
IF=3A, TJ=125°C
0.62
V
VR=45V, TJ=25°C
100
μA
Leakage Current
IRM
VR=45V, TJ=125°C
15
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.


Similar Part No. - MGBR6L45CL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR6L50CG-TN3-R UTC-MGBR6L50CG-TN3-R Datasheet
156Kb / 3P
   Fast Transient Response
MGBR6L50CL-TN3-R UTC-MGBR6L50CL-TN3-R Datasheet
156Kb / 3P
   Fast Transient Response
MGBR6L60CG-TN3-R UTC-MGBR6L60CG-TN3-R Datasheet
155Kb / 3P
   Low forward voltage drop
MGBR6L60CL-TN3-R UTC-MGBR6L60CL-TN3-R Datasheet
155Kb / 3P
   Low forward voltage drop
More results

Similar Description - MGBR6L45CL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com