Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGBR6S50CG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR6S50CG-TN3-R
Description  Super low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR6S50CG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR6S50CG-TN3-R Datasheet HTML 1Page - Unisonic Technologies MGBR6S50CG-TN3-R Datasheet HTML 2Page - Unisonic Technologies MGBR6S50CG-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR6S50C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R204-083 .a
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
50
V
Working Peak Reverse Voltage
VRWM
50
V
Peak Repetitive Reverse Voltage
VRRM
50
V
Per Leg
3
A
Average Rectified Forward Current
(Rated VR-20KHz Square Wave) – 50%
duty cycle
Total
IO
6
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
100
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
Typical Thermal Resistance
θJC
6
°С/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
50
V
IF=3A, TJ=25°C
0.57
V
Forward Voltage Drop
VFM
IF=3A, TJ=125°C
0.52
V
VR=50V, TJ=25°C
300
μA
Leakage Current
IRM
VR=50V, TJ=125°C
30
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.


Similar Part No. - MGBR6S50CG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR6S45CG-TA3-T UTC-MGBR6S45CG-TA3-T Datasheet
170Kb / 3P
   Super low forward voltage drop
MGBR6S45CG-TF3-T UTC-MGBR6S45CG-TF3-T Datasheet
170Kb / 3P
   Super low forward voltage drop
MGBR6S45CG-TN3-R UTC-MGBR6S45CG-TN3-R Datasheet
170Kb / 3P
   Super low forward voltage drop
MGBR6S45CL-TA3-T UTC-MGBR6S45CL-TA3-T Datasheet
170Kb / 3P
   Super low forward voltage drop
MGBR6S45CL-TF3-T UTC-MGBR6S45CL-TF3-T Datasheet
170Kb / 3P
   Super low forward voltage drop
More results

Similar Description - MGBR6S50CG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10S60L-TA3-T UTC-TGBR10S60L-TA3-T Datasheet
168Kb / 3P
   Super low forward voltage drop
MGBR30S120CL-TA3-T UTC-MGBR30S120CL-TA3-T Datasheet
158Kb / 3P
   Super low forward voltage drop
TGBR40S60CL-TA3-T UTC-TGBR40S60CL-TA3-T Datasheet
133Kb / 3P
   Super low forward voltage drop
TGBR10S45CL-TA3-T UTC-TGBR10S45CL-TA3-T Datasheet
140Kb / 3P
   Super low forward voltage drop
TGBR10S60CL-TA3-T UTC-TGBR10S60CL-TA3-T Datasheet
133Kb / 3P
   Super low forward voltage drop
TGBR10S100CL-TA3-T UTC-TGBR10S100CL-TA3-T Datasheet
167Kb / 3P
   Super low forward voltage drop
TGBR10S150CL-TF1-T UTC-TGBR10S150CL-TF1-T Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S80L-TA3-T UTC-TGBR30S80L-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
TGBR30S100CL-TA3-T UTC-TGBR30S100CL-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
MGBR5S50L-TN3-R UTC-MGBR5S50L-TN3-R Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S150CL-TA3-T UTC-TGBR30S150CL-TA3-T Datasheet
132Kb / 3P
   Super low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com