Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPXO Datasheet(PDF) 5 Page - PETERMANN-TECHNIK

Part # LPXO
Description  SMD-OSCILLATOR SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

LPXO Datasheet(HTML) 5 Page - PETERMANN-TECHNIK

  LPXO Datasheet HTML 1Page - PETERMANN-TECHNIK LPXO Datasheet HTML 2Page - PETERMANN-TECHNIK LPXO Datasheet HTML 3Page - PETERMANN-TECHNIK LPXO Datasheet HTML 4Page - PETERMANN-TECHNIK LPXO Datasheet HTML 5Page - PETERMANN-TECHNIK LPXO Datasheet HTML 6Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE 5 OF 6
I SPEC 01 I REV.00 I OCTOBER 2016
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
ORDERING INFORMATION
EXAMPLE: LPXO2520-18-2.5-W-32M-1-CSW
PLEASE INDICATE YOUR REQUIRED PARAMETERS
SERIES
LPXO1612
LPXO2016
LPXO2520
LPXO3225
SUPPLY VOLTAGE
33/ 30/ 28/ 26/ 18
FREQUENCY
32.000MHz
or ON REQUEST
TEMPERATURE
STABILITY
1.0 PPM
2.5 PPM
or ON REQUEST
LPXO2520-18-2.5-W-32M-1-CSW
TEMPERATURE
RANGE
W=-40°/+85°C
K=-30°/+85°C
M=-20°/+70°C
BLANK= 0°/+70°C
AGING
1=±1.0 ppm max.
per year
OUTPUT SIGNAL
Clipped Sinewave


Similar Part No. - LPXO

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
logo
Astec America, Inc
LPX-40 ASTEC-LPX-40 Datasheet
148Kb / 1P
   Cover Enclosure Kit
logo
Artesyn Technologies
LPX100 ARTESYN-LPX100 Datasheet
1Mb / 2P
   Installation Notes LPX100 ??Cover Enclosure Kit
logo
Cornell Dubilier Electr...
LPX101M350A1P3 CDE-LPX101M350A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPXO

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSS72 FOX-FSS72 Datasheet
215Kb / 3P
   SMD Oscillator
FSS73 FOX-FSS73 Datasheet
216Kb / 3P
   SMD Oscillator
logo
Kingtronics Internation...
QKT-OSC5032 KINGTRONICS-QKT-OSC5032 Datasheet
215Kb / 1P
   SMD OSCILLATOR
logo
Fox Electronics
FSS53 FOX-FSS53 Datasheet
398Kb / 3P
   SMD Oscillator
logo
Oscilent Corporation
CO-435 OSCILENT-CO-435 Datasheet
169Kb / 2P
   435 Series SMD Crystal Oscillator
CO-495 OSCILENT-CO-495 Datasheet
142Kb / 2P
   495 Series SMD Crystal Oscillator
CO-920 OSCILENT-CO-920 Datasheet
141Kb / 2P
   920 Series SMD Crystal Oscillator
CO-921 OSCILENT-CO-921 Datasheet
141Kb / 2P
   921 Series SMD Crystal Oscillator
logo
MMD Components
MJHK MMD-MJHK_12 Datasheet
113Kb / 2P
   MJHK Series 3.2X5 Ceramic SMD Oscillator
MQSC MMD-MQSC_12 Datasheet
116Kb / 2P
   MQSC & MQST Series Ceramic SMD Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com