Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1340U-33+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1340U-33+
Description  I2C RTC with Trickle Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340U-33+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1340U-33+ Datasheet HTML 3Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 4Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 5Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 6Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 7Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 8Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 9Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 10Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
error is added by crystal frequency drift caused by
temperature shifts. External circuit noise coupled into
the oscillator circuit can result in the clock running fast.
Figure 4 shows a typical PC board layout for isolating
the crystal and oscillator from noise. Refer to
Application Note 58: Crystal Considerations with Dallas
Real-Time Clocks (www.maxim-ic.com/RTCapps) for
detailed information.
DS1340C Only
The DS1340C integrates a standard 32,768Hz crystal
into the package. Typical accuracy with nominal VCC
and +25°C is approximately +15ppm. Refer to
Application Note 58 for information about crystal accu-
racy vs. temperature.
Operation
The DS1340 operates as a slave device on the serial
bus. Access is obtained by implementing a START
condition and providing a device identification code fol-
lowed by data. Subsequent registers can be accessed
sequentially until a STOP condition is executed. The
device is fully accessible and data can be written and
read when VCC is greater than VPF. However, when
VCC falls below VPF, the internal clock registers are
blocked from any access. If VPF is less than VBACKUP,
the device power is switched from VCC to VBACKUP
when VCC drops below VPF. If VPF is greater than
VBACKUP, the device power is switched from VCC to
VBACKUP when VCC drops below VBACKUP. The regis-
ters are maintained from the VBACKUP source until VCC
is returned to nominal levels. The functional diagram
(Figure 5) shows the main elements of the serial RTC.
Address Map
Table 2 shows the DS1340 address map. The RTC reg-
isters are located in address locations 00h to 06h, and
the control register is located at 07h. The trickle-charge
I2C RTC with Trickle Charger
_____________________________________________________________________
7
CRYSTAL
X1
X2
GND
LOCAL GROUND PLANE (LAYER 2)
Figure 4. Layout Example
SERIAL BUS
INTERFACE
AND ADDRESS
REGISTER
OSCILLATOR
CONTROL
LOGIC
X2
"C" VERSION ONLY
SCL
SDA
512Hz
MUX/BUFFER
FT/OUT
USER BUFFER
(7 BYTES)
CLOCK AND
CALENDAR
REGISTERS
32,768Hz
1Hz
X1
POWER
CONTROL
VCC
VBACKUP
DIVIDER AND
CALIBRATION
CIRCUIT
DS1340
Figure 5. Functional Diagram
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
EOSC
10 Seconds
Seconds
Seconds
00–59
01H
X
10 Minutes
Minutes
Minutes
00–59
02H
CEB
CB
10 Hours
Hours
Century/Hours
0–1; 00–23
03H
X
X
X
X
X
Day
Day
01–07
04H
X
X
10 Date
Date
Date
01–31
05H
X
X
X
10 Month
Month
Month
01–12
06H
10 Year
Year
Year
00–99
07H
OUT
FT
S
CAL4
CAL3
CAL2
CAL1
CAL0
Control
08H
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
Trickle Charger
09H
OSF
0
0
0
0
0
0
0
Flag
Table 2. Address Map
X = Read/Write bit
Note: Unless otherwise specified, the state of the registers is not defined when power is first applied.


Similar Part No. - DS1340U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U-33++ MAXIM-DS1340U-33+ Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results

Similar Description - DS1340U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com