Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE10A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 1.5KE10A
Description  Fast response time: typically less than 1 ns
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

1.5KE10A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  1.5KE10A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE10A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE10A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE10A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE10A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.5KE Sires
Electrical Specification @ Tamb 25°C
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
1.5KE6.8
1.5KE6.8C
5.50
6.12
7.48
10
10.8
140.7
1000.0
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000.0
1.5KE7.5
1.5KE7.5C
6.05
6.75
8.25
10
11.7
129.9
500.0
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500.0
1.5KE8.2
1.5KE8.2C
6.63
7.38
9.02
10
12.5
121.6
200.0
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200.0
1.5KE9.1
1.5KE9.1C
7.37
8.19
10.0
1.0
13.8
110.1
50.0
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.55
1.0
13.4
113.4
50.0
1.5KE10
1.5KE10C
8.10
9.00
11.0
1.0
15.0
101.3
10.0
1.5KE10A
1.5KE10CA
8.55
9.50
10.5
1.0
14.5
104.8
10.0
1.5KE11
1.5KE11C
8.92
9.90
12.1
1.0
16.2
93.8
5.0
1.5KE11A
1.5KE11CA
9.40
10.5
11.6
1.0
15.6
97.4
5.0
1.5KE12
1.5KE12C
9.72
10.8
13.2
1.0
17.3
87.9
5.0
1.5KE12A
1.5KE12CA
10.2
11.4
12.6
1.0
16.7
91.0
5.0
1.5KE13
1.5KE13C
10.5
11.7
14.3
1.0
19.0
80.0
5.0
1.5KE13A
1.5KE13CA
11.1
12.4
13.7
1.0
18.2
83.5
5.0
1.5KE15
1.5KE15C
12.1
13.5
16.5
1.0
22.0
69.1
5.0
1.5KE15A
1.5KE15CA
12.8
14.3
15.8
1.0
21.2
71.7
5.0
1.5KE16
1.5KE16C
12.9
14.4
17.6
1.0
23.5
64.7
5.0
1.5KE16A
1.5KE16CA
13.6
15.2
16.8
1.0
22.5
67.6
5.0
1.5KE18
1.5KE18C
14.5
16.2
19.8
1.0
26.5
57.4
5.0
1.5KE18A
1.5KE18CA
15.3
17.1
18.9
1.0
25.2
60.3
5.0
1.5KE20
1.5KE20C
16.2
18.0
22.0
1.0
29.1
52.2
5.0
1.5KE20A
1.5KE20CA
17.1
19.0
21.0
1.0
27.7
54.9
5.0
1.5KE22
1.5KE22C
17.8
19.8
24.2
1.0
31.9
47.6
5.0
1.5KE22A
1.5KE22CA
18.8
20.9
23.1
1.0
30.6
49.7
5.0
1.5KE24
1.5KE24C
19.4
21.6
26.4
1.0
34.7
43.8
5.0
1.5KE24A
1.5KE24CA
20.5
22.8
25.2
1.0
33.2
45.8
5.0
1.5KE27
1.5KE27C
21.8
24.3
29.7
1.0
39.1
38.9
5.0
1.5KE27A
1.5KE27CA
23.1
25.7
28.4
1.0
37.5
40.5
5.0
1.5KE30
1.5KE30C
24.3
27.0
33.0
1.0
43.5
34.9
5.0
1.5KE30A
1.5KE30CA
25.6
28.5
31.5
1.0
41.4
36.7
5.0
1.5KE33
1.5KE33C
26.8
29.7
36.3
1.0
47.7
31.9
5.0
1.5KE33A
1.5KE33CA
28.2
31.4
34.7
1.0
45.7
33.3
5.0
1.5KE36
1.5KE36C
29.1
32.4
39.6
1.0
52.0
29.2
5.0
1.5KE36A
1.5KE36CA
30.8
34.2
37.8
1.0
49.9
30.5
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - 1.5KE10A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1.5KE10A BILIN-1.5KE10A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE10A NJSEMI-1.5KE10A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE10A NJSEMI-1.5KE10A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
1.5KE10A CHENDA-1.5KE10A Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE10A TRSYS-1.5KE10A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE10A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
   Fast response time
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
   Fast response time
logo
List of Unclassifed Man...
10K3A1A ETC2-10K3A1A Datasheet
57Kb / 2P
   Fast time response (1 second typical in
logo
Shanghai Leiditech Elec...
3R-5 LEIDITECH-3R-5 Datasheet
1Mb / 4P
   Extremely fast response time
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com