Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG39134AT Datasheet(PDF) 8 Page - Megawin Technology Co., Ltd

Part # MG39134AT
Description  Over voltage protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG39134AT Datasheet(HTML) 8 Page - Megawin Technology Co., Ltd

Back Button MG39134AT Datasheet HTML 3Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 4Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 5Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 6Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 7Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 8Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 9Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 10Page - Megawin Technology Co., Ltd MG39134AT Datasheet HTML 11Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
MG39134 Data Sheet
MEGAWIN
9 Typical Performance Characteristic
ITAP1&2 Current vs. Vin Voltage / Temperature
Current set to around 45mA
20
25
30
35
40
45
50
55
0
20
40
60
80
100
(V)
-40Deg.
-20Deg
0Deg.
20Deg.
40Deg.
60Deg.
80Deg.
100Deg.
120Deg
130Deg.
140Deg.
ITAPS3~6 Current vs. VIN voltage / Temperature
Current set to around 95mA
60
65
70
75
80
85
90
95
100
105
110
0
20
40
60
80
100
(V)
-40Deg.
-20Deg
0Deg.
20Deg.
40Deg.
60Deg.
80Deg.
100Deg.
120Deg
130Deg.
140Deg.


Similar Part No. - MG39134AT

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
MG39131AS MEGAWIN-MG39131AS Datasheet
246Kb / 11P
   Over voltage protection
MG39131AT MEGAWIN-MG39131AT Datasheet
246Kb / 11P
   Over voltage protection
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39132AS MEGAWIN-MG39132AS Datasheet
249Kb / 11P
   Over voltage protection
More results

Similar Description - MG39134AT

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
logo
FSP TECHNOLOGY INC.
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
   Over voltage protection
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
   Over voltage protection
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-ABAM1 FSP-FSP180-ABAM1 Datasheet
79Kb / 1P
   Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Megawin Technology Co.,...
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com