Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG39134AS Datasheet(PDF) 9 Page - Megawin Technology Co., Ltd

Part # MG39134AS
Description  Over voltage protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG39134AS Datasheet(HTML) 9 Page - Megawin Technology Co., Ltd

Back Button MG39134AS Datasheet HTML 3Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 4Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 5Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 6Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 7Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 8Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 9Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 10Page - Megawin Technology Co., Ltd MG39134AS Datasheet HTML 11Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MEGAWIN
MG39134 Data Sheet
9
10 Application information
Current Setting
If the application circuit is same as below
The current setting will be
ITAP6 = (1.2V ÷ (RSET6))
ITAP5 = (1.1V ÷ (RSET6 + RSET5))
ITAP4 = (1.1V ÷ (RSET6 + RSET5 + RSET4))
ITAP3 = (1.1V ÷ (RSET6 + RSET5 + RSET4 + RSET3))
ITAP2 = (1.1V ÷ (RSET6 + RSET5 + RSET4 + RSET3 + RSET2))
ITAP1 = (1.1V ÷ (RSET6 + RSET5 + RSET4 + RSET3 + RSET2+ RSET1))
RSET6 = (1.2V ÷ ITAP6)
RSET5 = (1.1V ÷ ITAP5) – RSET6
RSET4 = (1.1V ÷ ITAP4) – RSET6 – RSET5
RSET3 = (1.1V ÷ ITAP3) – RSET6 – RSET5 – RSET4
RSET2 = (1.1V ÷ ITAP2) – RSET6 – RSET5 – RSET4 – RSET3
RSET1 = (1.1V ÷ ITAP1) – RSET6 – RSET5 – RSET4 – RSET3 – RSET2
The MG39134 can sustain an input voltage level as high as 500V. But users should care the heat dissipation
issue for their applications. For large wattage application, the 134 will consumes 2W~3W power. The IC
’s heat-
sink should be firmly attached to the substrate. Aluminum or Ceramic PCB is recommended.
Package Thermal Resistance
The thermal resistance is around 66
°C /W, junction to ambient (no air flow)
Note: Rule of thumb, it is suggested that the IC surface temperature is maintained below 90
°C (Celsius degree). For ETSSOP16
package, maintain the power dissipation below 1.5W.


Similar Part No. - MG39134AS

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
MG39131AS MEGAWIN-MG39131AS Datasheet
246Kb / 11P
   Over voltage protection
MG39131AT MEGAWIN-MG39131AT Datasheet
246Kb / 11P
   Over voltage protection
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39132AS MEGAWIN-MG39132AS Datasheet
249Kb / 11P
   Over voltage protection
More results

Similar Description - MG39134AS

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
logo
FSP TECHNOLOGY INC.
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
   Over voltage protection
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
   Over voltage protection
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-ABAM1 FSP-FSP180-ABAM1 Datasheet
79Kb / 1P
   Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Megawin Technology Co.,...
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com