Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLC021B Datasheet(PDF) 11 Page - Megawin Technology Co., Ltd

Part # MLC021B
Description  Single chip 8-bit CPU
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC021B Datasheet(HTML) 11 Page - Megawin Technology Co., Ltd

Back Button MLC021B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 10Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 11Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 12Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 13Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 14Page - Megawin Technology Co., Ltd MLC021B Datasheet HTML 15Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
11
Interrupt Registers
NMI select flag
Address
Register
7
6
5
4
3
2
1
0
R
W
00C0H
NMI_SEL
-
-
-
-
-
NIS2
NIS1
NIS0
NIS2
NIS1
NIS0
Selected NMI source
0
0
0
None (default)
0
0
1
TM0
0
1
0
DIV0x
0
1
1
P0
1
0
0
TM1
1
0
1
TM2
1
1
0
DIV1x
1
1
1
(None)
This register is used to select the NMI trigger source. The NMI is a rare resource of this system.
Only one trigger source is selected at one application is recommended. If over one trigger source is
needed in some special applications, program must to distinguish the additional interrupter. After NMI
occurs, program has to read NMI_SEL register to know which source triggering NMI.
IRQ enable flag
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00C2H
IRQ_EN
-
-
DIV1x
TM2
TM1
P0
TM0
DIV0x
-
Program can enable or disable the ability of triggering IRQ through this register.
0: Disable (default “0” at initialization)
1: Enable
P0: Raising or falling edge occurs at port 0 input mode
TM0, TM1, TM2: Timer 0/1/2 underflow
DIV0x, DIV1x: Divider 0/1 selected interrupt frequency occurred
IRQ status flag (same address with IRQ_EN)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00C2H
IRQ_ST
-
-
DIV1x
TM2
TM1
P0
TM0
DIV0x
-
When IRQ occurs, program can read this register to know which source triggering IRQ.
IRQ clear flag
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00C3H
IRQ_CLR
-
-
DIV1x
TM2
TM1
P0
TM0
DIV0x
-
Program can clear the interrupt event by writing ‘1’ into the corresponding bit.


Similar Part No. - MLC021B

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC021B MEGAWIN-MLC021B Datasheet
116Kb / 1P
   8-bit I/O type micro-controller with voice function
More results

Similar Description - MLC021B

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L340 MEGAWIN-MG69L340 Datasheet
596Kb / 28P
   Single Chip 8-bit CPU
MA014B MEGAWIN-MA014B Datasheet
206Kb / 14P
   Single chip 8-bit CPU
MG69L331 MEGAWIN-MG69L331 Datasheet
565Kb / 28P
   Single Chip 8-bit CPU
MG69L352 MEGAWIN-MG69L352 Datasheet
529Kb / 25P
   Single Chip 8-bit CPU
MG69M220 MEGAWIN-MG69M220 Datasheet
560Kb / 27P
   Single Chip 8-bit CPU
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
logo
List of Unclassifed Man...
KL5C8400 ETC-KL5C8400 Datasheet
449Kb / 2P
   HIGH SPEED 8 BIT CPU
logo
Sanyo Semicon Device
LC86E4564 SANYO-LC86E4564 Datasheet
340Kb / 19P
   8-Bit Single-Chip Microcontroller????
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com