Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM391N-100 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM391N-100
Description  LM391 Audio Power Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391N-100 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM391N-100 Datasheet HTML 1Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 2Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 3Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 4Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 5Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 6Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 7Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 8Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Typical Performance Characteristics
Output Power vs Supply Voltage
Frequency (RL e 8X)
Total Harmonic Distortion vs
Frequency (RL e 4X)
Total Harmonic Distortion vs
Open Loop Gain vs Frequency
Rejection vs Frequency
Input Referred Power Supply
AB Bias Current
Total Harmonic Distortion vs
TLH7146 – 4
Pin Descriptions
Pin No
Pin Name
Comments
1
a
Input
Audio input
2
b
Input
Feedback input
3
Compensation
Sets the dominant pole
4
Ripple Filter
Improves negative supply rejection
5
Sink Output
Drives output devices and is emitter of AB bias VBE multiplier
6
BIAS
Base of VBE multiplier
7
BIAS
Collector of VBE multiplier
8
Source Output
Drives output devices
9
Output Sense
Biases the IC and is used in protection circuits
10
a
Current Limit
Base of positive side protection circuit transistor
11
a
SOA Diode
Diode used for dual slope SOA protection
12
b
SOA Diode
Diode used for dual slope SOA protection
13
b
Current Limit
Base of negative side protection circuit transistor
14
Shutdown
Shuts off amplifier when current is pulled out of pin
15
Va
Positive supply
16
Vb
Negative supply
3


Similar Part No. - LM391N-100

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM391 SEOUL-LM391 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM391 SEOUL-LM391 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM391N-100

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SA1 RFSOLUTIONS-SA1 Datasheet
708Kb / 2P
   Audio Power Driver
logo
SHENZHEN FUMAN ELECTRON...
SC0030 FUMAN-SC0030 Datasheet
405Kb / 11P
   Audio driver
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
   TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Rohm
BA3576FS ROHM-BA3576FS Datasheet
139Kb / 8P
   Low power consumption headphone driver for digital audio
BA3577FS ROHM-BA3577FS Datasheet
159Kb / 10P
   Low power consumption headphone driver for digital audio
logo
Texas Instruments
LME49810TB TI1-LME49810TB Datasheet
876Kb / 22P
[Old version datasheet]   200V Audio Power Amplifier Driver with Baker Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com