Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLC852P Datasheet(PDF) 10 Page - Megawin Technology Co., Ltd

Part # MLC852P
Description  single chip 8-bit micro-controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC852P Datasheet(HTML) 10 Page - Megawin Technology Co., Ltd

Back Button MLC852P Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 10Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 11Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 12Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 13Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 14Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
MLC852P Technical Summary
MEGAWIN
TK12, TK11 and TK10: select timer 1 input clock source.
TK12
TK11
TK10
Selected TM1 input clock source
0
0
0
FOSC
0
0
1
FOSC / 2
0
1
0
FOSC / 4
0
1
1
FOSC / 32
1
0
0
Fosc/128
1
0
1
P0.6
1
1
0
Un-used
1
1
1
Un-used
Note that, if P0.6 is selected as the timer clock, user must configure the pin P0.6 as an input.
I/O Ports
Port 0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
1208H
P0
P07
P06
P05
P04
P03
P02
P01
P00
1209H
P0DIR
DIR7
DIR6
DIR5
DIR4
DIR3
DIR2
DIR1
DIR0
120AH
P0CONF
CON7
CON6
CON5
CON4
CON3
CON2
CON1
CON0
120BH
P0PULL
STR7
STR6
STR5
STR4
STR3
STR2
STR1
STR0
120CH
P0STB
STB7
STB6
STB5
STB4
STB3
STB2
STB1
STB0
Port 0 is an 8-bit I/O port. Each pin can be programmed as input or output individually.
P0 (Port 0 buffer)
When Port0.n is configured as an output pin, the Port0.n pin would output the logic content of P0.n. Whether
the Port0.n is configured as an input or an output pin, reading P0.n would always read the logic value from pad.
P0DIR (Port 0 Direction)
P0DIR.n = 0: P0.n is configured as an input pin. (Default)
P0DIR.n = 1: P0.n is configured as an output pin.
P0CONF (Port 0 pull-high/CMOS/NMOS setting)
When P0DIR.n is 0 (input mode),
P0CONF.n =
0: The weak internal pull-high resistor of P0.n is enabled. (Default)
P0CONF.n =
1: The weak internal pull-high resistor of P0.n is disabled.
When P0DIR.n is 1 (output mode),
P0CONF.n =
0: P0.n is a CMOS output pin. (Default)
P0CONF.n =
1: P0.n is a NMOS output pin.
P0PULL (Port 0 pull-high resistor selection)
P0PULL.n =
0: The strong pull-high resistor of P0.n is disabled. (Default)
P0PULL.n =
1: The strong pull-high resistor of P0.n is enabled.


Similar Part No. - MLC852P

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
   8-Bit micro-controller with 1120 dots LCD driver
More results

Similar Description - MLC852P

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L951 MEGAWIN-MG69L951 Datasheet
411Kb / 30P
   Single chip 8-bit micro-controller
MLC510B MEGAWIN-MLC510B Datasheet
261Kb / 31P
   Single chip 8-bit micro-controller
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
logo
SHANGHAI BELLING CO., L...
BL35P02 BELLING-BL35P02 Datasheet
308Kb / 27P
   BL35P02 is a single-chip 8-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com