Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R10A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48R10A
Description  8-Bit Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R10A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R10A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
HT48R10A-1
8-Bit Microcontroller
Rev. 1.20
1
July 2, 2001
General Description
The device is an 8-bit high performance
RISC-like microcontroller designed for multi-
ple I/O product applications. The device is par-
ticularly suitable for use in products such as
remote controllers, fan/light controllers, wash-
ing machine controllers, scales, toys and vari-
ous subsystem controllers. A HALT feature is
included to reduce power consumption.
Features
·
Operating voltage:
fSYS=4MHz: 3.3V~5.5V
fSYS=8MHz: 4.5V~5.5V
·
21 bidirectional I/O lines (max.)
·
1 interrupt input shared with an I/O line
·
8-bit programmable timer/event counter with
overflow interrupt and 8-stage prescaler
·
On-chip external crystal, RC oscillator and
internal RC oscillator
·
32768Hz crystal oscillator for timing
purposes only
·
Watchdog Timer
·
1024´14 program memory ROM
·
64´8 data memory RAM
·
Buzzer driving pair and PFD supported
·
HALT function and wake-up feature reduce
power consumption
·
Up to 0.5ms instruction cycle with 8MHz
system clock at VDD=5V
·
All instructions in one or two machine
cycles
·
14-bit table read instruction
·
4-level subroutine nesting
·
Bit manipulation instruction
·
63 powerful instructions
·
Low voltage reset function
·
24-pin SKDIP/SOP package


Similar Part No. - HT48R10A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48R10A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com