Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70121L20JGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70121L20JGI8
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70121L20JGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  70121L20JGI8 Datasheet HTML 1Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 2Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 3Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 4Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 5Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 6Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 7Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 8Page - Integrated Device Technology 70121L20JGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IDT70121/IDT70125
High-Speed 2K x 9 Dual-Port Static RAM with Busy & Interrupt
Industrial and Commercial Temperature Ranges
Data Retention Characteristics (L Version Only)
Data Retention Waveform
AC Test Conditions
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(For tLZ, tHZ, tWZ, tOW)
*Including scope and jig.
NOTES:
1. VCC = 2V, TA = +25°C, and are not production tested.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed but is not production tested.
VDR
2V
DATA RETENTION MODE
Vcc
CE
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
2654 drw 03
1250
Ω
30pF
775
Ω
DATAOUT
BUSY
INT
5V
5V
1250
Ω
5pF*
775
Ω
DATAOUT
2654 drw 04
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
2.0
___
___
V
ICCDR
Data Retention Current
VCC = 2V, CE > VCC - 0.2V
IND.
___
100
4000
µA
tCDR(3)
Chip Deselect to Data Retention Time
VIN > VCC - 0.2V or VIN < 0.2
COM'L.
___
100
1500
tR(3)
Operation Recovery Time
tRC(2)
___
___
V
2654 tbl 07
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns
1.5V
1.5V
Figures 1 and 2
2654 tbl 08


Similar Part No. - 70121L20JGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70121L25JG IDT-70121L25JG Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70121L25JG RENESAS-70121L25JG Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
70121L25JG8 IDT-70121L25JG8 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70121L25JG8 RENESAS-70121L25JG8 Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
70121L25JGI IDT-70121L25JGI Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - 70121L20JGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com