Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7054L20PRFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7054L20PRFGI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7054L20PRFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  7054L20PRFGI Datasheet HTML 1Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 2Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 3Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 4Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 5Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 6Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 7Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 8Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
3
Pin Configurations(1,2)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VCC + 10%.
NOTES:
1. VIL
> -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
Recommended DC Operating
Conditions
Maximum Operating Temperature
and Supply Voltage(1)
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV references the interpolated capacitance when the input and the output
signals switch from 0V to 3V or from 3V to 0V.
Capacitance(1)
(TA = +25°C, f = 1.0MHz) TQFP ONLY
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Symbol
Pin Name
A0 P1 - A11 P1
Address Lines - Port 1
A0 P2 - A11 P2
Address Lines - Port 2
A0 P3 - A11 P3
Address Lines - Port 3
A0 P4 - A11 P4
Address Lines - Port 4
I/O0 P1 - I/O7 P1
Data I/O - Port 1
I/O0 P2 - I/O7 P2
Data I/O - Port 2
I/O0 P3 - I/O7 P3
Data I/O - Port 3
I/O0 P4 - I/O7 P4
Data I/O - Port 4
R/W P1
Read/Write - Port 1
R/W P2
Read/Write - Port 2
R/W P3
Read/Write - Port 3
R/W P4
Read/Write - Port 4
GND
Ground
CE
P1
Chip Enable - Port 1
CE
P2
Chip Enable - Port 2
CE
P3
Chip Enable - Port 3
CE
P4
Chip Enable - Port 4
OE
P1
Output Enable - Port 1
OE
P2
Output Enable - Port 2
OE
P3
Output Enable - Port 3
OE
P4
Output Enable - Port 4
VCC
Power
3241 tbl 01
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
000
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3241 tbl 02
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 0V
9
pF
COUT
Output
Capacitance
VOUT = 0V
10
pF
3241 tbl 03
Grade
Ambient
Temperature
GND
Vcc
Commercial
0°C to +70°C0V
5.0V
+ 10%
Industrial
-40°C to +85°C
0V
5.0V
+ 10%
3241 tbl 04
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
IOUT
DC Output Current
50
mA
3241 tbl 05


Similar Part No. - 7054L20PRFGI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7054 ETC2-7054 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7054 ETC2-7054 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Alpha Wire
7054 ALPHAWIRE-7054 Datasheet
70Kb / 3P
   Customer Specification
7054/19 ALPHAWIRE-7054/19 Datasheet
97Kb / 4P
   Customer Specification
2/21/2023
7054/19 ALPHAWIRE-7054/19 Datasheet
97Kb / 4P
   Customer Specification
3/12/2023
More results

Similar Description - 7054L20PRFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com