Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723622 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT723622
Description  CMOS SyncBiFIFO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723622 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT723622_15 Datasheet HTML 1Page - Integrated Device Technology IDT723622_15 Datasheet HTML 2Page - Integrated Device Technology IDT723622_15 Datasheet HTML 3Page - Integrated Device Technology IDT723622_15 Datasheet HTML 4Page - Integrated Device Technology IDT723622_15 Datasheet HTML 5Page - Integrated Device Technology IDT723622_15 Datasheet HTML 6Page - Integrated Device Technology IDT723622_15 Datasheet HTML 7Page - Integrated Device Technology IDT723622_15 Datasheet HTML 8Page - Integrated Device Technology IDT723622_15 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
IDT723622/723632/723642 CMOS SyncBiFIFO™
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
COMMERCIALTEMPERATURERANGE
NOTES:
1. All typical values are at VCC = 5V, TA = 25°C.
2. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
3. Characterizedvalues,notcurrentlytested.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-
AIR TEMPERATURE RANGE (Unless otherwise noted)
IDT723622
IDT723632
IDT723642
Commercial
tCLK = 15 ns
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VOH
Output Logic "1" Voltage
VCC = 4.5V,
IOH = –4 mA
2.4
V
VOL
Output Logic "0" Voltage
VCC = 4.5V,
IOL = 8 mA
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 5.5V,
VI = VCC or 0
±10
μA
ILO
Output Leakage Current
VCC = 5.5V,
VO = VCC or 0
±10
μA
ICC2(2)
Standby Current (with CLKA & CLKB running)
VCC = 5.5V,
VI = VCC –0.2V or 0V
8
mA
ICC3(2)
Standby Current (no clocks running)
VCC = 5.5V,
VI = VCC –0.2V or 0V
1
mA
CIN(3)
Input Capacitance
VI = 0,
f = 1 MHz
4
pF
COUT(3) Output Capacitance
VO = 0,
f = 1 MHZ
8
pF
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
SupplyVoltage(Commercial)
4.5
5.0
5.5
V
VIH
High-LevelInputVoltage(Commercial)
2
V
VIL
Low-LevelInputVoltage(Commercial)
0.8
V
IOH
High-LevelOutputCurrent(Commercial)
–4
mA
IOL
Low-LevelOutputCurrent(Commercial)
8
mA
TA
OperatingTemperature(Commercial)
0
70
°C
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol
Rating
Commercial
Unit
VCC
SupplyVoltageRange
–0.5 to 7
V
VI(2)
InputVoltageRange
–0.5toVCC+0.5
V
VO(2)
OutputVoltageRange
–0.5toVCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
ContinuousCurrentThroughVCCorGND
±400
mA
TSTG
StorageTemperatureRange
–65to150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect
device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.


Similar Part No. - IDT723622_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723622L15PF IDT-IDT723622L15PF Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT723622L15PQF IDT-IDT723622L15PQF Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
More results

Similar Description - IDT723622_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT723654 IDT-IDT723654 Datasheet
406Kb / 37P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com