Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7054S20PRFGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7054S20PRFGI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7054S20PRFGI Datasheet(HTML) 4 Page - Integrated Device Technology

  7054S20PRFGI Datasheet HTML 1Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 2Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 3Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 4Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 5Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 6Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 7Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 8Page - Integrated Device Technology 7054S20PRFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
4
NOTES:
1. 'X' in part number indicates power rating (S or L).
2. VCC = 5V, TA = +25°C and are not production tested.
3. f = 0 means no address or control lines change.
4. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input
levels of GND to 3V.
5. For the case of one port, divide the appropriate current above by four.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,5) (VCC = 5.0V ± 10%)
NOTE:
1. At Vcc < 2.0V input leakages are undefined.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
Symbol
Parameter
Test Conditions
7054S
7054L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE
= VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = 4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2674 tbl 07
Symbol
Parameter
Condition
7054X20
Com'l Only
7054X25
Com'l & Ind
7054X35
Com'l Only
Unit
Version
TYP.(2)
Max.
TYP.(2)
Max.
TYP.(2)
Max.
ICC1
Operating Power
Supply Current
(All Ports Active)
CE
= VIL
Outputs Disabled
f = 0(3)
COM'L.
S
L
150
150
300
250
150
150
300
250
150
150
300
250
mA
IND.
S
L
____
____
____
____
150
150
360
300
150
150
360
300
mA
ICC2
Dynamic Operating
Current
(All Ports Active)
CE
= VIL
Outputs Disabled
f = fMAX(4)
COM'L.
S
L
240
210
370
325
225
195
350
305
210
180
335
290
mA
IND.
S
L
____
____
____
____
225
195
400
340
210
180
395
330
mA
ISB
Standby Current
(All Ports - TTL Level
Inputs)
CE
= VIH
f = fMAX(4)
COM'L.
S
L
70
60
95
80
60
50
85
70
40
35
75
60
mA
IND.
S
L
____
____
____
____
60
50
115
85
40
35
110
80
mA
ISB1
Full Standby Current
(All Ports - All
CMOS Level Inputs)
All Ports
CE
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(3)
COM'L.
S
L
1.5
0.3
15
1.5
1.5
0.3
15
1.5
1.5
0.3
15
1.5
mA
IND.
S
L
____
____
____
____
1.5
0.3
30
4.5
1.5
0.3
30
4.5
mA
3241 tbl 06


Similar Part No. - 7054S20PRFGI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7054 ETC2-7054 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7054 ETC2-7054 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Alpha Wire
7054 ALPHAWIRE-7054 Datasheet
70Kb / 3P
   Customer Specification
7054/19 ALPHAWIRE-7054/19 Datasheet
97Kb / 4P
   Customer Specification
2/21/2023
7054/19 ALPHAWIRE-7054/19 Datasheet
97Kb / 4P
   Customer Specification
3/12/2023
More results

Similar Description - 7054S20PRFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com