Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723623 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723623 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT723623 Datasheet HTML 4Page - Integrated Device Technology IDT723623 Datasheet HTML 5Page - Integrated Device Technology IDT723623 Datasheet HTML 6Page - Integrated Device Technology IDT723623 Datasheet HTML 7Page - Integrated Device Technology IDT723623 Datasheet HTML 8Page - Integrated Device Technology IDT723623 Datasheet HTML 9Page - Integrated Device Technology IDT723623 Datasheet HTML 10Page - Integrated Device Technology IDT723623 Datasheet HTML 11Page - Integrated Device Technology IDT723623 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
Symbol
Parameter
Min.
Max.
Min.
Max. Unit
fS
Clock Frequency, CLKA or CLKB
83
66.7 MHz
tCLK
Clock Cycle Time, CLKA or CLKB
12
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
5
6
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35 before CLKB↑
3—
4
ns
tENS1
Setup Time, CSA and W/RA before CLKA
↑; CSB and W/RB before CLKB↑
4
4.5
ns
tENS2
Setup Time, ENA and MBA before CLKA
↑; ENB and MBB before CLKB↑
3
4.5
ns
tRSTS
Setup Time, RS1 or PRS LOW before CLKA
↑ or CLKB↑(1)
5
5
ns
tFSS
Setup Time, FS0 and FS1 before RS1 HIGH
7.5
7.5
ns
tBES
Setup Time, BE/FWFT before RS1 HIGH
7.5
7.5
ns
tSPMS
Setup Time, SPM before RS1 HIGH
7.5
7.5
ns
tSDS
Setup Time, FS0/SD before CLKA
3
4
ns
tSENS
Setup Time, FS1/SEN before CLKA
3
4
ns
tFWS
Setup Time, FWFT before CLKA
0
0
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and B0-B35 after CLKB↑
0.5
1
ns
tENH
Hold Time, CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, W/RB,ENB, and MBB after CLKB↑
0.5
1
ns
tRSTH
Hold Time, RS1 or PRS LOW after CLKA
↑ or CLKB↑(1)
4
4
ns
tFSH
Hold Time, FS0 and FS1 after RS1 HIGH
2
2
ns
tBEH
Hold Time, BE/FWFT after RS1 HIGH
2
2
ns
tSPMH
Hold Time, SPM after RS1 HIGH
2
2
ns
tSDH
Hold Time, FS0/SD after CLKA
0.5
1
ns
tSENH
Hold Time, FS1/SEN HIGH after CLKA
0.5
1
ns
tSPH
Hold Time, FS1/SEN HIGH after RS1 HIGH
2
2
ns
tSKEW1(2) Skew Time between CLKA
↑ and CLKB↑ for EF/OR and FF/IR
5
7.5
ns
tSKEW2(2,3) Skew Time between CLKA
↑ and CLKB↑ for AE and AF
12
12
ns
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
NOTES:
1. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
2. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
3. Design simulated, not tested.
(Commercial: VCC = 5.0V ± 10%, TA = 0
°C to +70°C)
Commercial
IDT723623L12 IDT723623L15
IDT723633L12 IDT723633L15
IDT723643L12 IDT723643L15


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Jinan Gude Electronic D...
IDT723623L12 JGD-IDT723623L12 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
IDT723623L12PF JGD-IDT723623L12PF Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
IDT723623L15 JGD-IDT723623L15 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
logo
Renesas Technology Corp
IDT723616 RENESAS-IDT723616 Datasheet
570Kb / 27P
   CMOS TRIPLE BUS SyncFIFO™ WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
FEBRUARY 2009
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com